Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54F32 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54F32
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54F32 Datasheet(HTML) 3 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN54F32, SN74F32
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SDFS044B – MARCH 1987 – REVISED MAY 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54F32
SN74F32
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
Y
2.2
3.8
5.6
2.2
7.5
2.2
6.6
ns
tPHL
A or B
Y
2.2
3.6
5.3
1.7
7.5
2.2
6.3
ns


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54AHC32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54LVC32AQUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54HC32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54AHCT32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54AC32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54HCT32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 Texas Instruments
74ACT11032QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 Texas Instruments
SN54ACT32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54LV32AQUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn