Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54F32 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54F32
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN54F32 Datasheet(HTML) 4 Page - Texas Instruments

  SN54F32 Datasheet HTML 1Page - Texas Instruments SN54F32 Datasheet HTML 2Page - Texas Instruments SN54F32 Datasheet HTML 3Page - Texas Instruments SN54F32 Datasheet HTML 4Page - Texas Instruments SN54F32 Datasheet HTML 5Page - Texas Instruments SN54F32 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SN54F32, SN74F32
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SDFS044B – MARCH 1987 – REVISED MAY 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈ 3.5 V
0 V
VOL + 0.3 V
≈ 0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Collector
Open
7 V
Open
7 V
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns,
duty cycle = 50%.
D. The outputs are measured one at a time with one input transition per measurement.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
7 V
500
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH – 0.3 V
500
500
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54AHC32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54LVC32AQUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54HC32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54AHCT32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54AC32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54HCT32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 Texas Instruments
74ACT11032QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 Texas Instruments
SN54ACT32QUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments
SN54LV32AQUADRUPLE 2-INPUT POSITIVE-OR GATES 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn