Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM11C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RM11C
Description  Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM11C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RM11C Datasheet HTML 1Page - List of Unclassifed Manufacturers RM11C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ambient Temperature Ta (
°C)
Forward Voltage VF (V)
Overcurrent Cycles
Ambient Temperature Ta (
°C)
Forward Voltage VF (V)
Overcurrent Cycles
Ambient Temperature Ta (
°C)
Forward Voltage VF (V)
Overcurrent Cycles
Ambient Temperature Ta (
°C)
Forward Voltage VF (V)
Overcurrent Cycles
Ambient Temperature Ta (
°C)
Forward Voltage VF (V)
Overcurrent Cycles
Characteristic Curves
Rectifier Diodes
49
VF —IF Characteristics (Typical)
VF —IF Characteristics (Typical)
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
0.5
0.6
0.7
0.9
1.0
1.1
0.8
5.0
1.0
0.5
0.1
0.05
0.5
0.7
0.9
1.1
1.3
50
1
0.1
10
0.3
1.5
Ta 150
°C
=
60
°C
100
°C
25
°C
VF —IF Characteristics (Typical)
0.4
0.6
0.8
1.0
1.2
0.2
Ta 150
°C
=
60
°C
100
°C
25
°C
0
1
IFMS Rating
5
50
10
40
80
20
0
1
IFMS Rating
5
40
50
10
30
10
50
RM 1B
RM 1C
RM 1Z
RM 1
RM 1A
20
0
1
IFMS Rating
5
100
60
50
10
40
80
20
60
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
RM1Z
RM1
RM1A
RM1B
RM1C
RM 11 series
EM 2 series
RM 1 series
0.01
0.001
30
1
0.1
10
0.01
0.001
L =10 mm
L =10 mm
P.C.B
10mm
Ta 130
°C
=
100
°C
25
°C
Ta — IF (AV) Derating
Ta — IF (AV) Derating
Ta — IF (AV) Derating
VF —IF Characteristics (Typical)
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
RM10Z
RM10
RM10A
RM10B
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
0.05
0.1
0.5
1.0
5.0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VF —IF Characteristics (Typical)
0.05
0.1
0.5
1.0
5.0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
1
IFMS Rating
5
50
10
20ms
50
RM10Z
RM10
RM10A
RM10B
1
IFMS Rating
5
50
10
20ms
100
150
0
20
100
80
60
40
RM 10 series
RM 2 series
L =15mm
L =15mm
P.C.B
10mm
Ta 130
°C
=
25
°C
100
°C
Ta 130
°C
=
25
°C
100
°C
Ta — IF (AV) Derating
Ta — IF (AV) Derating
Solder
Copper Foil
180 • 100 • 1.6 t
Solder
Copper Foil
180 • 100 • 1.6 t


Similar Part No. - RM11C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM11C SANKEN-RM11C Datasheet
20Kb / 1P
   Rectifier Diodes
logo
EIC discrete Semiconduc...
RM11C EIC-RM11C Datasheet
39Kb / 2P
   SILICON RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
RM11C BILIN-RM11C Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
EIC discrete Semiconduc...
RM11C EIC-RM11C Datasheet
48Kb / 2P
   SILICON RECTIFIER DIODES
logo
Sanken electric
RM11C SANKEN-RM11C Datasheet
189Kb / 4P
   Silicon Diode
More results

Similar Description - RM11C

ManufacturerPart #DatasheetDescription
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
   Rectifier diodes
logo
NXP Semiconductors
BYX96 PHILIPS-BYX96 Datasheet
252Kb / 6P
   RECTIFIER DIODES
November 1975
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
   Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
   Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
   Rectifier Diodes
logo
Sanken electric
RM11B SANKEN-RM11B Datasheet
68Kb / 2P
   Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
   Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
   Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
   Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
   Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com