Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC2244A Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74LVC2244A
Description  Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74LVC2244A Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Sep 30
6
Philips Semiconductors
Product specification
Octal buffer/line driver with 30
Ω series termination
resistors; 5 V input/output tolerant; 3-state
74LVC2244A
DC CHARACTERISTICS
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. All typical values are at VCC = 3.3 V and Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
−40 to +85
MIN.
TYP.(1) MAX.
VIH
HIGH-level input voltage
1.2
VCC
−−
V
2.7 to 3.6 2.0
−−
VIL
LOW-level input voltage
1.2
−−
GND
V
2.7 to 3.6
−−
0.8
VOH
HIGH-level output voltage
VI =VIH or VIL; IO = −6 mA
2.7
VCC − 0.5 −−
V
VI =VIH or VIL; IO = −100 µA 3.0
VCC − 0.2 VCC
VI =VIH or VIL; IO = −12 mA
3.0
VCC − 0.8 −−
VOL
LOW-level output voltage
VI =VIH or VIL; IO =6mA
2.7
−−
0.40
V
VI =VIH or VIL; IO = 100 µA
3.0
−−
0.20
VI =VIH or VIL; IO =12mA
3.0
−−
0.55
II
input leakage current
VI = 5.5 V or GND
3.6
−±0.1
±5
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL;
VO = 5.5 V or GND
3.6
0.1
±10
µA
Ioff
power off leakage supply
VI or VO = 5.5 V
0.0
0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0
3.6
0.1
20
µA
∆I
CC
additional quiescent supply
current per control pin
VI =VCC − 0.6 V; IO = 0
2.7 to 3.6
5
500
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn