Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC1G66GW Datasheet(PDF) 17 Page - NXP Semiconductors

Part No. 74LVC1G66GW
Description  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G66GW Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 74LVC1G66GW Datasheet HTML 13Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 14Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 15Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 16Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 17Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 18Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 19Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 20Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
2004 Apr 13
17
Philips Semiconductors
Product specification
Bilateral switch
74LVC1G66
handbook, full pagewidth
MNA670
10
µF
RL
VO
1/2VCC
CL
DISTORTION
METER
Z/Y
Y/Z
fin
channel
ON
E
VIH
600
Fig.18 Test circuit for measuring sine-wave distortion.
VCC
VI
1.65 V
1.4 V (p-p)
2.3 V
2 V (p-p)
3 V
2.5 V (p-p)
4 V
4 V (p-p)
handbook, full pagewidth
MNA671
0.1
µF
RL
RL
VO
1/2VCC
1/2VCC
CL dB
Z/Y
Y/Z
channel
ON
E
VIL
fin
50
Fig.19 Test circuit for measuring feed-through when switch is OFF.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74V1G66 SINGLE BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4S66F BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
2N4993 Silicon bilateral switch SBS in package TO-92 1  List of Unclassifed Manufacturers
M74HC4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
K105 Silicon Bilateral Voltage Triggered Switch 1  2  List of Unclassifed Manufacturers
CD4066BM Quad Bilateral Switch 1  2  3  4  5  More National Semiconductor (TI)
74V1T66 SINGLE BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4W66F DUAL BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
74AHC1G66 Bilateral switch 1  2  3  4  5  More NXP Semiconductors
IS420 OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC 1  2  3  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn