Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC1G66GW Datasheet(PDF) 14 Page - NXP Semiconductors

Part No. 74LVC1G66GW
Description  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G66GW Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVC1G66GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 11Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 12Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 13Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 14Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 15Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 16Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 17Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
2004 Apr 13
14
Philips Semiconductors
Product specification
Bilateral switch
74LVC1G66
handbook, full pagewidth
VEXT
VCC
VI
VO
MNA616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Fig.16 Load circuitry for switching times.
VCC
VI
CL
RL
VEXT
tPLH/tPHL
tPZH/tPHZ
tPZL/tPLZ
1.65 to 1.95 V
VCC
30 pF
1 k
open
GND
2
× VCC
2.3 to 2.7 V
VCC
30 pF
500
open
GND
2
× VCC
2.7 V
2.7 V
50 pF
500
open
GND
6 V
3.0 to 3.6 V
2.7 V
50 pF
500
open
GND
6 V
4.5 to 5.5 V
VCC
50 pF
500
open
GND
2
× VCC
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74V1G66 SINGLE BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4S66F BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
2N4993 Silicon bilateral switch SBS in package TO-92 1  List of Unclassifed Manufacturers
M74HC4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
K105 Silicon Bilateral Voltage Triggered Switch 1  2  List of Unclassifed Manufacturers
CD4066BM Quad Bilateral Switch 1  2  3  4  5  More National Semiconductor (TI)
74V1T66 SINGLE BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4W66F DUAL BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
74AHC1G66 Bilateral switch 1  2  3  4  5  More NXP Semiconductors
IS420 OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC 1  2  3  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn