Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC1G66GW Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. 74LVC1G66GW
Description  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G66GW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G66GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 11Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 12Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
2004 Apr 13
9
Philips Semiconductors
Product specification
Bilateral switch
74LVC1G66
MNA659
V
YZ
IS
VS = GND to VCC
E
VIH
GND
GND
Fig.7
Test circuit for measuring ON-resistance
(RON).
VI (V)
05
4
23
1
001aaa707
20
10
30
40
RON
(
Ω)
0
(1)
(3)
(4)
(5)
(2)
Fig.8
Typical ON-resistance (RON) as a function
of input voltage (VS) for VS = GND to VCC.
Measured at Tamb =25 °C.
(1) VCC = 1.8 V.
(2) VCC = 2.5 V.
(3) VCC = 2.7 V.
(4) VCC = 3.3 V.
(5) VCC = 5.0 V.
VI (V)
05
4
23
1
001aaa712
40
20
60
80
RON
(
Ω)
0
(1)
(2)
(3)
(4)
Fig.9 RON for VCC = 1.8 V.
(1) Tamb = +125 °C.
(2) Tamb = +85 °C.
(3) Tamb = +25 °C.
(4) Tamb = −40 °C.
VI (V)
05
4
23
1
001aaa708
8
4
12
16
RON
(
Ω)
0
(1)
(2)
(3)
(4)
Fig.10 RON for VCC = 2.5 V.
(1) Tamb = +125 °C.
(2) Tamb = +85 °C.
(3) Tamb = +25 °C.
(4) Tamb = −40 °C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74V1G66 SINGLE BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4S66F BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
2N4993 Silicon bilateral switch SBS in package TO-92 1  List of Unclassifed Manufacturers
M74HC4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
K105 Silicon Bilateral Voltage Triggered Switch 1  2  List of Unclassifed Manufacturers
CD4066BM Quad Bilateral Switch 1  2  3  4  5  More National Semiconductor (TI)
74V1T66 SINGLE BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4W66F DUAL BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
74AHC1G66 Bilateral switch 1  2  3  4  5  More NXP Semiconductors
IS420 OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC 1  2  3  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn