Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC1G66GW Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74LVC1G66GW
Description  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G66GW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G66GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2004 Apr 13
6
Philips Semiconductors
Product specification
Bilateral switch
74LVC1G66
∆ICC
additional quiescent supply
current per control pin
VI =VCC − 0.6 V;
VS = GND or VCC;
IO =0
5.5
5
500
µA
RON(peak)
ON-resistance (peak)
VS = GND to VCC;
VI =VIH; see Fig.7
IS = 4 mA
1.65 to 1.95
35
100
IS = 8 mA
2.3 to 2.7
14
30
IS = 12 mA
2.7
11.5
25
IS = 24 mA
3.0 to 3.6
8.5
20
IS = 32 mA
4.5 to 5.5
6.5
15
RON(rail)
ON-resistance (rail)
VS = GND;
VI =VIH; see Fig.7
IS = 4 mA
1.65 to 1.95
10
30
IS = 8 mA
2.3 to 2.7
8.5
20
IS = 12 mA
2.7
7.5
18
IS = 24 mA
3.0 to 3.6
6.5
15
IS = 32 mA
4.5 to 5.5
610
VS =VCC;VI =VIH;
see Fig.7
IS = 4 mA
1.65 to 1.95
12
30
IS = 8 mA
2.3 to 2.7
8.5
20
IS = 12 mA
2.7
7.5
18
IS = 24 mA
3.0 to 3.6
6.5
15
IS = 32 mA
4.5 to 5.5
610
RON(flatness) ON-resistance (flatness)
VS = GND to VCC;
VI =VIH;
see Figs 9 to 13
IS = 4 mA
1.65 to 1.95
100(2)
−Ω
IS = 8 mA
2.3 to 2.7
17(2)
−Ω
IS = 12 mA
2.7
10(2)
−Ω
IS = 24 mA
3.0 to 3.6
5(2)
−Ω
IS = 32 mA
4.5 to 5.5
3(2)
−Ω
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74V1G66 SINGLE BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4S66F BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
2N4993 Silicon bilateral switch SBS in package TO-92 1  List of Unclassifed Manufacturers
M74HC4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
K105 Silicon Bilateral Voltage Triggered Switch 1  2  List of Unclassifed Manufacturers
CD4066BM Quad Bilateral Switch 1  2  3  4  5  More National Semiconductor (TI)
74V1T66 SINGLE BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4W66F DUAL BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
74AHC1G66 Bilateral switch 1  2  3  4  5  More NXP Semiconductors
IS420 OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC 1  2  3  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn