Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M36P0R9060E0 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M36P0R9060E0
Description  512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36P0R9060E0 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M36P0R9060E0 Datasheet HTML 13Page - STMicroelectronics M36P0R9060E0 Datasheet HTML 14Page - STMicroelectronics M36P0R9060E0 Datasheet HTML 15Page - STMicroelectronics M36P0R9060E0 Datasheet HTML 16Page - STMicroelectronics M36P0R9060E0 Datasheet HTML 17Page - STMicroelectronics M36P0R9060E0 Datasheet HTML 18Page - STMicroelectronics M36P0R9060E0 Datasheet HTML 19Page - STMicroelectronics M36P0R9060E0 Datasheet HTML 20Page - STMicroelectronics M36P0R9060E0 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
M36P0R9060E0
5 DC and AC parameters
17/23
5
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 4., Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Figure 4.
AC measurement I/O waveform
Table 4.
Operating and AC measurement conditions
Parameter
Flash Memory
PSRAM
Unit
Min
Max
Min
Max
VDDF Supply Voltage
1.7
1.95
V
VCCPSupply Voltage
––
1.7
1.95
V
VDDQ Supply Voltage
1.7
1.95
1.7
1.95
V
VPPF Supply Voltage (Factory environment)
8.5
9.5
V
VPPF Supply Voltage (Application environment)
–0.4
VDDQ +0.4
V
Ambient Operating Temperature
–30
85
–30
85
°C
Load Capacitance (CL)30
30
pF
Impedance Output (Z0)50
Output Circuit Protection Resistance (R)
50
Input Rise and Fall Times
3
2
ns
Input Pulse Voltages
0 to VDDQ
0 to VDDQ
V
Input and Output Timing Ref. Voltages
VDDQ/2
VDDQ/2
V
AI06161
VDDQ
0V
VDDQ/2


Similar Part No. - M36P0R9060E0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9060E0ZACE NUMONYX-M36P0R9060E0ZACE Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9060E0ZACF NUMONYX-M36P0R9060E0ZACF Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results

Similar Description - M36P0R9060E0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9060N0 NUMONYX-M36P0R9060N0 Datasheet
454Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
logo
STMicroelectronics
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R8060T1 STMICROELECTRONICS-M36L0R8060T1 Datasheet
390Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com