Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29F032D Datasheet(PDF) 11 Page - STMicroelectronics

Part # M29F032D
Description  32 Mbit (4Mb x8, Uniform Block) 5V Supply Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F032D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M29F032D Datasheet HTML 7Page - STMicroelectronics M29F032D Datasheet HTML 8Page - STMicroelectronics M29F032D Datasheet HTML 9Page - STMicroelectronics M29F032D Datasheet HTML 10Page - STMicroelectronics M29F032D Datasheet HTML 11Page - STMicroelectronics M29F032D Datasheet HTML 12Page - STMicroelectronics M29F032D Datasheet HTML 13Page - STMicroelectronics M29F032D Datasheet HTML 14Page - STMicroelectronics M29F032D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11/35
M29F032D
command does not exit from Unlock Bypass
Mode.
Chip Erase Command. The Chip Erase com-
mand can be used to erase the entire chip. Six Bus
Write operations are required to issue the Chip
Erase Command and start the Program/Erase
Controller.
If any blocks are protected then these are ignored
and all the other blocks are erased. If all of the
blocks are protected the Chip Erase operation ap-
pears to start but will terminate within about 100µs,
leaving the data unchanged. No error condition is
given when protected blocks are ignored.
During the erase operation the memory will ignore
all commands, including the Erase Suspend com-
mand. It is not possible to issue any command to
abort the operation. Typical chip erase times are
given in Table 4. All Bus Read operations during
the Chip Erase operation will output the Status
Register on the Data Inputs/Outputs. See the sec-
tion on the Status Register for more details.
After the Chip Erase operation has completed the
memory will return to the Read Mode, unless an
error has occurred. When an error occurs the
memory will continue to output the Status Regis-
ter. A Read/Reset command must be issued to re-
set the error condition and return to Read Mode.
The Chip Erase Command sets all of the bits in un-
protected blocks of the memory to ’1’. All previous
data is lost.
Block Erase Command. The Block Erase com-
mand can be used to erase a list of one or more
blocks. Six Bus Write operations are required to
select the first block in the list. Each additional
block in the list can be selected by repeating the
sixth Bus Write operation using the address of the
additional block. The Block Erase operation starts
the Program/Erase Controller about 50µs after the
last Bus Write operation. Once the Program/Erase
Controller starts it is not possible to select any
more blocks. Each additional block must therefore
be selected within 50µs of the last block. The 50µs
timer restarts when an additional block is selected.
The Status Register can be read after the sixth
Bus Write operation. See the Status Register sec-
tion for details on how to identify if the Program/
Erase Controller has started the Block Erase oper-
ation.
If any selected blocks are protected then these are
ignored and all the other selected blocks are
erased. If all of the selected blocks are protected
the Block Erase operation appears to start but will
terminate within about 100µs, leaving the data un-
changed. No error condition is given when protect-
ed blocks are ignored.
During the Block Erase operation the memory will
ignore all commands except the Erase Suspend
command. Typical block erase times are given in
Table 4. All Bus Read operations during the Block
Erase operation will output the Status Register on
the Data Inputs/Outputs. See the section on the
Status Register for more details.
After the Block Erase operation has completed the
memory will return to the Read Mode, unless an
error has occurred. When an error occurs the
memory will continue to output the Status Regis-
ter. A Read/Reset command must be issued to re-
set the error condition and return to Read mode.
The Block Erase Command sets all of the bits in
the unprotected selected blocks to ’1’. All previous
data in the selected blocks is lost.
Erase Suspend Command. The Erase Suspend
Command may be used to temporarily suspend a
Block Erase operation and return the memory to
Read mode. The command requires one Bus
Write operation.
The Program/Erase Controller will suspend within
15µs of the Erase Suspend Command being is-
sued. Once the Program/Erase Controller has
stopped the memory will be set to Read mode and
the Erase will be suspended. If the Erase Suspend
command is issued during the period when the
memory is waiting for an additional block (before
the Program/Erase Controller starts) then the
Erase is suspended immediately and will start im-
mediately when the Erase Resume Command is
issued. It is not possible to select any further
blocks to erase after the Erase Resume.


Similar Part No. - M29F032D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002 STMICROELECTRONICS-M29F002 Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
logo
Advanced Micro Devices
M29F002 AMD-M29F002 Datasheet
436Kb / 37P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Fujitsu Component Limit...
M29F002 FUJITSU-M29F002 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
logo
STMicroelectronics
M29F002B STMICROELECTRONICS-M29F002B Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120K1TR STMICROELECTRONICS-M29F002B-120K1TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
More results

Similar Description - M29F032D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
   32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
April 2002
M29F080D STMICROELECTRONICS-M29F080D_05 Datasheet
602Kb / 37P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com