Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH7220MKX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH7220MKX
Description  High Speed Comparator with LVDS Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH7220MKX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH7220MKX Datasheet HTML 3Page - National Semiconductor (TI) LMH7220MKX Datasheet HTML 4Page - National Semiconductor (TI) LMH7220MKX Datasheet HTML 5Page - National Semiconductor (TI) LMH7220MKX Datasheet HTML 6Page - National Semiconductor (TI) LMH7220MKX Datasheet HTML 7Page - National Semiconductor (TI) LMH7220MKX Datasheet HTML 8Page - National Semiconductor (TI) LMH7220MKX Datasheet HTML 9Page - National Semiconductor (TI) LMH7220MKX Datasheet HTML 10Page - National Semiconductor (TI) LMH7220MKX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Typical Performance Characteristics
At T
J = 25˚C; unless otherwise specified: VCM = 0.3V, VOVERDRIVE = 100 mV, RL = 100
Ω.
Input Current vs. Differential Input Voltage
Bias Current vs. Supply Voltage
20137621
20137636
Bias Current vs. Temperature
Output Offset Voltage vs. Supply Voltage
20137623
20137624
Output Offset Voltage vs. Temperature
Differential Output Voltage vs. Supply Voltage
20137625
20137626
www.national.com
7


Similar Part No. - LMH7220MKX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7220MKX NSC-LMH7220MKX Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
LMH7220MKX NSC-LMH7220MKX Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
logo
Texas Instruments
LMH7220MKX/NOPB TI1-LMH7220MKX/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LMH7220 High Speed Comparator with LVDS Output
More results

Similar Description - LMH7220MKX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7220 NSC-LMH7220_08 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
LMH7220_0805 NSC-LMH7220_0805 Datasheet
1Mb / 20P
   High Speed Comparator with LVDS Output
logo
Texas Instruments
LMH7220 TI1-LMH7220_14 Datasheet
1Mb / 34P
[Old version datasheet]   LMH7220 High Speed Comparator with LVDS Output
logo
Maxim Integrated Produc...
MAX40025C MAXIM-MAX40025C Datasheet
640Kb / 17P
   280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs
Rev 2; 1/19
logo
Texas Instruments
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
[Old version datasheet]   TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX40025A MAXIM-MAX40025A Datasheet
615Kb / 17P
   280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs
2019
logo
Texas Instruments
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
[Old version datasheet]   TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
TLV3801 TI-TLV3801_V01 Datasheet
2Mb / 32P
[Old version datasheet]   TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
REVISED OCTOBER 2022
TLV3604 TI-TLV3604_V01 Datasheet
1Mb / 27P
[Old version datasheet]   TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
logo
Linear Technology
LTC6754 LINER-LTC6754 Datasheet
1Mb / 22P
   High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com