Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC16244 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC16244
Description  16-bit buffer/line driver; 5V input/output tolerant 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16244 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC16244 Datasheet HTML 2Page - NXP Semiconductors 74LVC16244 Datasheet HTML 3Page - NXP Semiconductors 74LVC16244 Datasheet HTML 4Page - NXP Semiconductors 74LVC16244 Datasheet HTML 5Page - NXP Semiconductors 74LVC16244 Datasheet HTML 6Page - NXP Semiconductors 74LVC16244 Datasheet HTML 7Page - NXP Semiconductors 74LVC16244 Datasheet HTML 8Page - NXP Semiconductors 74LVC16244 Datasheet HTML 9Page - NXP Semiconductors 74LVC16244 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2003 Dec 08
7
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC16244A;
74LVCH16244A
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Above 60
°C the value of Ptot derates linearly with 5.5 mW/K.
3. Above 70
°C the value of Ptot derates linearly with 1.8 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
for maximum speed
performance
2.7
3.6
V
for low voltage applications
1.2
3.6
V
VI
input voltage
0
5.5
V
VO
output voltage
output HIGH or LOW state
0
VCC
V
output 3-state
0
5.5
V
Tamb
operating ambient
temperature
in free air
−40
+125
°C
tr,tf
input rise and fall times
VCC = 1.2 to 2.7 V
0
20
ns/V
VCC = 2.7 to 3.6 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+6.5
V
IIK
input diode current
VI <0
−−50
mA
VI
input voltage
note 1
−0.5
+6.5
V
IOK
output diode current
VO >VCC or VO <0
−±50
mA
VO
output voltage
output HIGH or LOW state;
note 1
−0.5
VCC + 0.5
V
output 3-state; note 1
−0.5
+6.5
V
IO
output source or sink current
VO =0toVCC
−±50
mA
ICC,IGND
VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
SSOP and TSSOP package Tamb = −40 to +125 °C; note 2 −
500
mW
VFBGA package
Tamb = −40 to +125 °C; note 3 −
1000
mW


Similar Part No. - 74LVC16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
logo
Nexperia B.V. All right...
74LVC16244A NEXPERIA-74LVC16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC16244ABQ NXP-74LVC16244ABQ Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
More results

Similar Description - 74LVC16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
74ALVCH16540 PHILIPS-74ALVCH16540 Datasheet
97Kb / 12P
   2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
1997 Aug 11
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com