Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGT20N120 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGT20N120
Description  IGBT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT20N120 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGT20N120 Datasheet HTML 1Page - IXYS Corporation IXGT20N120 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
CES
I
C
= 1 mA, V
GE = 0 V
1200
V
V
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5.0
V
I
CES
V
CE = VCES
T
J =
25
°C
250
µA
V
GE = 0 V
T
J = 125°C1
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
2.0
2.5
V
IGBT
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
1200
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
1200
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C40
A
I
C90
T
C
= 90
°C20
A
I
CM
T
C
= 25
°C, 1 ms
80
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 47 Ω
I
CM = 40
A
(RBSOA)
Clamped inductive load
@ 0.8 V
CES
P
C
T
C
= 25
°C
150
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Maximum tab temperature for soldering
260
°C
M
d
Mounting torque (TO-247)
1.13/10 Nm/lb.in.
Weight
TO-247
6
g
TO-268
5
g
DS98966 (11/02)
Features
International standard packages
JEDEC TO-247 and TO-268
High current handling capability
MOS Gate turn-on
- drive simplicity
Applications
AC motor speed control
DC servo and robot drives
DC choppers
Uninterruptible power supplies (UPS)
Switch-mode and resonant-mode
power supplies
Capacitor discharge
Advantages
Easy to mount with one screw
Reduces assembly time and cost
High power density
TO-268 (IXGT)
TO-247 (IXGH)
V
CES
= 1200 V
I
C25
=
40 A
V
CE(sat)
=
2.5 V
t
fi(typ)
= 380 ns
IXGH 20N120
IXGT 20N120
G
D S
G
E
C (TAB)
Preliminary Data Sheet


Similar Part No. - IXGT20N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT20N120B IXYS-IXGT20N120B Datasheet
574Kb / 5P
   High Voltage IGBT
IXGT20N120BD1 IXYS-IXGT20N120BD1 Datasheet
495Kb / 5P
   High Voltage IGBT with Diode
More results

Similar Description - IXGT20N120

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com