Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3123 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH3123
Description  PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3123 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH3123 Datasheet HTML 1Page - Sanyo Semicon Device CPH3123 Datasheet HTML 2Page - Sanyo Semicon Device CPH3123 Datasheet HTML 3Page - Sanyo Semicon Device CPH3123 Datasheet HTML 4Page - Sanyo Semicon Device CPH3123 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CPH3123 / CPH3223
No.7221-1/5
Applications
DC-DC converter, relay drivers, lamp drivers, motor drivers, flash.
Features
Adoption of MBIT processes.
High current capacitance.
Low collector-to-emitter saturation voltage.
High-speed switching.
Ultrasmall package facilitates miniaturization in end products (mounting height : 0.9mm).
High allowable power dissipation.
Specifications ( ) : CPH3123
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--50)100
V
Collector-to-Emitter Voltage
VCES
(--50)100
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)3
A
Collector Current (Pulse)
ICP
(--)6
A
Base Current
IB
(--)600
mA
Collector Dissipation
PC
Mounted on a ceramic board (600mm2!0.8mm)
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0
(--)1
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0
(--)1
µA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)100mA
200
560
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)500mA
(390)380
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(24)13
pF
Marking : CPH3123 : AU, CPH3223 : CU
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7221A
N1504 TS IM TB-00000301 / 71002 TS IM TA-100095, 3619
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
CPH3123 / CPH3223
PNP / NPN Epitaxial Planar Silicon Transistors
High-Current Switching
Applications


Similar Part No. - CPH3123

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3123-TL-E ONSEMI-CPH3123-TL-E Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
More results

Similar Description - CPH3123

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6017 SANYO-2SC6017 Datasheet
55Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5522 SANYO-CPH5522 Datasheet
61Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5518 SANYO-CPH5518 Datasheet
62Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6044 SANYO-2SC6044 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC5999 SANYO-2SC5999 Datasheet
37Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6064 SANYO-2SC6064 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6043 SANYO-2SC6043 Datasheet
39Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5517 SANYO-CPH5517 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com