Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62SF16403A-I Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY62SF16403A-I
Description  256Kx16bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62SF16403A-I Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY62SF16403A-I Datasheet HTML 1Page - Hynix Semiconductor HY62SF16403A-I Datasheet HTML 2Page - Hynix Semiconductor HY62SF16403A-I Datasheet HTML 3Page - Hynix Semiconductor HY62SF16403A-I Datasheet HTML 4Page - Hynix Semiconductor HY62SF16403A-I Datasheet HTML 5Page - Hynix Semiconductor HY62SF16403A-I Datasheet HTML 6Page - Hynix Semiconductor HY62SF16403A-I Datasheet HTML 7Page - Hynix Semiconductor HY62SF16403A-I Datasheet HTML 8Page - Hynix Semiconductor HY62SF16403A-I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HY62SF16403A Series
Rev.11 / Jun.01
3
RECOMMENDED DC OPERATING CONDITION
Symbol
Parameter
Min.
Typ
Max.
Unit
Vcc
Supply Voltage
1.7
1.8
2.3
V
Vss
Ground
0
0
0
V
VIH
Input High Voltage
1.4
-
Vcc+0.3
V
VIL
Input Low Voltage
-0.3
1.
-
0.4
V
Note : 1. Undershoot : VIL = -1.5V for pulse width less than 30ns
2. Undershoot is sampled, not 100% tested.
DC ELECTRICAL CHARACTERISTICS
TA = 0
°C to 70°C / -40°C to 85°C (I)
Sym
Parameter
Test Condition
Min
Typ
1.
Max
Unit
ILI
Input Leakage Current
Vss < VIN < Vcc
-1
-
1
uA
ILO
Output Leakage Current
Vss < VOUT < Vcc, /CS = VIH or
/
OE = VIH or /WE = VIL or
/
UB = VIH , /LB = VIH
-1
-
1
uA
Icc
Operating Power Supply Current
/CS = VIL,
VIN = VIH or VIL, II/O = 0mA
3
mA
/CS = VIL,
VIN = VIH or VIL, Cycle Time = Min,
100% Duty, II/O = 0mA
20
mA
ICC1
Average Operating Current
/CS < 0.2V,
VIN < 0.2V or VIN > Vcc-0.2V,
Cycle Time = 1us,
100% Duty, II/O = 0mA
3
mA
ISB
Standby Current (TTL Input)
/CS = VIH or /UB, /LB = VIH
VIN = VIH or VIL
0.3
mA
SL
0.1
3
uA
ISB1
Standby Current (CMOS Input)
/CS > Vcc - 0.2V or
/UB, /LB > Vcc - 0.2V
VIN > Vcc - 0.2V or
VIN < Vss + 0.2V
LL
0.1
10
uA
VOL
Output Low
IOL = 0.1mA
-
-
0.2
V
VOH
Output High
IOH = -0.1mA
1.6
-
-
V
Note
1. Typical values are at Vcc = 1.8V TA = 25
°C
2. Typical values are not 100% tested
CAPACITANCE
(Temp = 25
°C, f= 1.0MHz)
Symbol
Parameter
Condition
Max.
Unit
CIN
Input Capacitance(Add, /CS,/LB,/UB, /WE, /OE)
VIN = 0V
8
pF
COUT
Output Capacitance(I/O)
VI/O = 0V
10
pF
Note : These parameters are sampled and not 100% tested


Similar Part No. - HY62SF16403A-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404C-DM85I HYNIX-HY62SF16404C-DM85I Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404C-I HYNIX-HY62SF16404C-I Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404C-SM85I HYNIX-HY62SF16404C-SM85I Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D HYNIX-HY62SF16404D Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
More results

Similar Description - HY62SF16403A-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62VF08401C HYNIX-HY62VF08401C Datasheet
154Kb / 10P
   256Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16406E HYNIX-HY62SF16406E Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16406D HYNIX-HY62LF16406D Datasheet
193Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16403A HYNIX-HY62UF16403A Datasheet
190Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D HYNIX-HY62SF16404D Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16406C HYNIX-HY62SF16406C Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com