Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62001L Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. M62001L
Description  LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62001L Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
(
/ 6 )
ELECTRIC
MITSUBISHI
M62001L,FP/M62002L,FP/M62003L,FP/M62004L,FP/
M62005L,FP/M62006L,FP/M62007L,FP/M62008L,FP
MITSUBISHI<Dig.Ana.INTERFACE>
LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
6
OPERATION DESCRIPTION
1 If Vcc rises to VSH(4.55V/4.35V),the INT output it set to
high level.
*1.A pulse is output if INT is of pulse output type.
2 RESET goes high td(s) after VSH
*td=1.52X105XC(sec)
3 If Vcc drops to VSH(4.55V/4.25V),INT goes low.
*1.A pulse is output if INT is of pulse output type.
*2.The RESET output continues to be held high.
4 If Vcc returns to VSH,the INT output is set to high level.
APPLICATION EXAMPLE
5 Same as 3 .
6 If Vcc becomes lower than VBATT(2.15V),the RESET
output is set to low thereby resetting the microcomputer
and initializing system.
7 Same as 1 .
8 Same as 2 .
9 Same as 3 and 5 .
POWER SUPPLY
Vcc(+5V)
BACKUP POWER
SUPPLY
VBATT(+3V)
Vcc
MICROCOMPUTER
SYSTEM RESET IC
+
-
+
-
INT
INTERRUPTION INPUT
RESET
RESET INPUT
INT
RESET
+
SMOOTHING
CAPACITOR
100µF
DELAY CAPACITOR
Cd
0.33µF
OSCILLATOR
(COMPULSIVE
RESET SIGNAL)
(INTERRUPTION
RESET SIGNAL)
INT
RESET
M6200X
VDD
POWER SUPPLY PIN
CLOCK OUTPUT
MICROCOMPUTER
SYSTEM
GND
GND
GND
GND
VSH
VSL
VSH
VSL
VSH
VSL VBATT
VSH
VSL VBATT
Vcc
INT
(HOLD OUTPUT TYPE)
INT
(PULSE OUTPUT TYPE)
RESET
td
PULSE WIDTH
7µsec
td
UNCERTAIN AREA
UNCERTAIN AREA
UNCERTAIN AREA
1
2
3
4
5
6
7 8
9
10
10 Same as 6 .


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn