Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62001L Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M62001L
Description  LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M62001L Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(
/ 6 )
ELECTRIC
MITSUBISHI
M62001L,FP/M62002L,FP/M62003L,FP/M62004L,FP/
M62005L,FP/M62006L,FP/M62007L,FP/M62008L,FP
MITSUBISHI<Dig.Ana.INTERFACE>
LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
4
CIRCUIT CURRENT vs.
AMBIENT TEMPERATURE
0
1
2
3
4
-40 -20
0
20
AMBIENT TEMPERATURE Ta(°C)
5
DETECTION VOLTAGE vs.
AMBIENT TEMPERATURE
2.05
2.10
AMBIENT TEMPERATURE Ta(°C)
AMBIENT TEMPERATURE Ta(°C)
INTERRUPTION OUTPUT VOLTAGE vs.
SUPPLY VOLTAGE
0
1
2
3
4
0
1
2
3
4
SUPPLY VOLTAGE Vcc(V)
5
5
Nch OUTPUT SATURATION VOLTAGE vs.
OUTPUT SINK CURRENT
0
0.1
0.2
0.3
0.4
0
1
2
3
4
OUTPUT SINK CURRENT Isink(mA)
0.5
5
Pch OUTPUT SATURATION VOLTAGE vs.
OUTPUT SOURCE CURRENT
0
0
1
2
3
4
OUTPUT SOURCE CURRENT Isource(mA)
5
40
60
80
100
6
7
-40 -20
0
20
40
60
80
100
2.15
2.20
DETECTION VOLTAGE vs.
AMBIENT TEMPERATURE
(DETECTION AT 4.45V TYPE)
4.35
4.40
-40 -20
0
20
40
60
80
100
4.45
4.50
0.1
0.2
0.3
0.4
0.5
Vcc=5V
Vcc=2V
Vcc=3V
Vcc=5
4V
Vcc
RES
GND
V
Vsat
Isource
Vcc=4V
Vcc
RES
GND
V
Vsat
Isink
INT


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn