Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6MGB166S4BWG Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M6MGB166S4BWG
Description  16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M6MGB166S4BWG Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M6MGB166S4BWG Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M6MGB166S4BWG Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M6MGB166S4BWG Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M6MGB166S4BWG Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M6MGB166S4BWG Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M6MGB166S4BWG Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M6MGB166S4BWG Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M6MGB166S4BWG Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M6MGB166S4BWG Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Apr. 1999 , Rev.1.7
MITSUBISHI LSIs
16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS
3.3V-ONLY FLASH MEMORY &
4,194,304-BIT (262,144-WORD BY 16-BIT) CMOS SRAM
Stacked-CSP (Chip Scale Package)
M6MGB/T166S4BWG
SOFTWARE COMMAND DEFINITIONS
The device operations are selected by writing specific software
command into the Command User Interface.
Read Array Command (FFH)
The device is in Read Array mode on initial device power up and
after exit from deep powerdown, or by writing FFH to the
Command User Interface. After starting the internal operation the
device is set to the read status register mode automatically.
Read Device Identifier Command (90H)
It can normally read device identifier codes when Read Device
Identifier Code Command(90H) is written to the command latch.
Following the command write, the manufacturer code and the
device code can be read from address 00000H and 00001H,
respectively.
Read Status Register Command (70H)
The Status Register is read after writing the Read Status Register
command of 70H to the Command User Interface. Also, after
starting the internal operation the device is set to the Read Status
Register mode automatically.
The contents of Status Register are latched on the later falling
edge of F-OE# or F-CE#. So F-CE# or F-OE# must be toggled
every status read.
Clear Status Register Command (50H)
The Erase Status, Program Status and Block Status bits are set to
"1"s by the Write State Machine and can only be reset by the Clear
Status Register command of 50H. These bits indicates various
failure conditions.
Block Erase / Confirm Command (20H/D0H)
Automated block erase is initiated by writing the Block Erase
command of 20H followed by the Confirm command of D0H. An
address within the block to be erased is required. The WSM
executes iterative erase pulse application and erase verify
operation.
Program Commands
A)Word Program (40H)
Word program is executed by a two-command sequence. The
Word Program Setup command of 40H is written to the
Command Interface, followed by a second write specifying the
address and data to be written. The WSM controls the program
pulse application and verify operation. The Word Program
Command is Valid for only Bank(I).
DATA PROTECTION
The Flash Memory of M6MGB/T166S4BWG provides selectable
block locking of memory blocks. Each block has an associated
nonvolatile lock-bit which determines the lock status of the block.
In addition, the Flash Memory has a master Write Protect pin
(F-WP#) which prevents any modifications to memory blocks
whose lock-bits are set to "0", when F-WP# is low. When F-WP#
is high, all blocks can be programmed or erased regardless of
the state of the lock-bits, and the lock-bits are cleared to "1" by
erase. See the BLOCK LOCKING table on P.9 for details.
Power Supply Voltage
When the power supply voltage (F-VCC) is less than VLKO, Low
VCC Lock-Out voltage, the device is set to the Read-only mode.
Regarding DC electrical characteristics of VLKO, see P.10.
A delay time of 2
µs is required before any device operation is
initiated. The delay time is measured from the time F-Vcc reaches
F-Vccmin (2.7V).
During power up, F-RP#=GND is recommended. Falling in Busy
status is not recommended for possibility of damaging the device.
MEMORY ORGANIZATION
The Flash Memory of M6MGB/T166S4BWG has one 16Kword
boot block, seven
16Kword parameter blocks, for Bank(I) and
twenty-eight 32Kword main blocks for Bank(II). A block is erased
independently of other blocks in the array.
Suspend/Resume Command (B0H/D0H)
Writing the Suspend command of B0H during block erase
operation interrupts the block erase operation and allows read out
from another block of memory. Writing the Suspend command of
B0H during program operation interrupts the program operation
and allows read out from another block of memory. The Bank
address is required when writing the Suspend/Resume Command.
The device continues to output Status Register data when read,
after the Suspend command is written to it. Polling the WSM
Status and Suspend Status bits will determine when the erase
operation or program operation has been suspended. At this
point, writing of the Read Array command to the CUI enables
reading data from blocks other than that which is suspended.
When the Resume command of D0H is written to the CUI,
the WSM will continue with the erase or program processes.
5
B)Page Program for Data Blocks (41H)
Page Program for Bank(I) and Bank(II) allows fast programming of
128words of data. Writing of 41H initiates the page program
operation for the Data area. From 2nd cycle to 129th cycle, write
data must be serially inputted. Address A6-A0 have to be
incremented from 00H to 7FH. After completion of data loading, the
WSM controls the program pulse application and verify operation.
C)Single Data Load to Page Buffer (74H)
/ Page Buffer to Flash (0EH/D0H)
Single data load to the page buffer is performed by writing 74H
followed by a second write specifying the column address and
data. Distinct data up to 128word can be loaded to the page
buffer by this two-command sequence. On the other hand, all of
the loaded data to the page buffer is programed simultaneously
by writing Page Buffer to Flash command of 0EH followed by the
confirm command of D0H. After completion of programing the
data on the page buffer is cleared automatically.
This command is valid for only Bank(I) alike Word Program.
Clear Page Buffer Command (55H)
Loaded data to the page buffer is cleared by writing the Clear
Page Buffer command of 55H followed by the Confirm command
of D0H. This command is valid for clearing data loaded by Single
Data Load to Page Buffer command.


Similar Part No. - M6MGB166S4BWG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M6MGB166S2BWG MITSUBISHI-M6MGB166S2BWG Datasheet
257Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
More results

Similar Description - M6MGB166S4BWG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M6MGB162S4BVP MITSUBISHI-M6MGB162S4BVP Datasheet
243Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S2BVP MITSUBISHI-M6MGB162S2BVP Datasheet
247Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S2BWG MITSUBISHI-M6MGB166S2BWG Datasheet
257Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB160S4BVP MITSUBISHI-M6MGB160S4BVP Datasheet
268Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
logo
Renesas Technology Corp
M5M29KE131BTP RENESAS-M5M29KE131BTP Datasheet
336Kb / 33P
   134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY
logo
Mitsubishi Electric Sem...
M5M29GB160BVP MITSUBISHI-M5M29GB160BVP Datasheet
240Kb / 25P
   16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB161BWG MITSUBISHI-M5M29GB161BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Renesas Technology Corp
M6MGB331S4BKT RENESAS-M6MGB331S4BKT Datasheet
171Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT/4,194,304-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY & 4,194,304-BIT (262,144-WORD BY 16-BIT/524,288-WORD B
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com