Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7DB-12B180 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # S7DB-12B180
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7DB-12B180 Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button S7DB-12B180 Datasheet HTML 2Page - Bel Fuse Inc. S7DB-12B180 Datasheet HTML 3Page - Bel Fuse Inc. S7DB-12B180 Datasheet HTML 4Page - Bel Fuse Inc. S7DB-12B180 Datasheet HTML 5Page - Bel Fuse Inc. S7DB-12B180 Datasheet HTML 6Page - Bel Fuse Inc. S7DB-12B180 Datasheet HTML 7Page - Bel Fuse Inc. S7DB-12B180 Datasheet HTML 8Page - Bel Fuse Inc. S7DB-12B180 Datasheet HTML 9Page - Bel Fuse Inc. S7DB-12B180 Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2004 Bel Fuse Inc.
Specifications subject to change without notice. 03.04
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP02S7DB-12B
5V Input / 1.2V – 3.3V Output / 12A
page 6
Efficiency Data
Module 3.3V
90%
91%
92%
93%
94%
95%
96%
97%
98%
12
345
678
9 10 11 12 13
Output Current
4.5V
5.0V
5.5V
Module 2.5V
87%
88%
89%
90%
91%
92%
93%
94%
95%
96%
97%
1234
56789
10 11 12 13
Output Current
4.5V
5.0V
5.5V
Module 1.8V
83%
84%
85%
86%
87%
88%
89%
90%
91%
92%
93%
94%
95%
1
2345
6789 10 11 12 13
Output Current
4.5V
5.0V
5.5V
Module 1.5V
82%
84%
86%
88%
90%
92%
94%
12
3
4
56
7
8
9 10 11 12 13
Output Current
4.5V
5.0V
5.5V
Module 1.2V
79%
81%
83%
85%
87%
89%
91%
93%
1234
5
6789 10 11 12 13
Output Current
4.5V
5.0V
5.5V


Similar Part No. - S7DB-12B180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12B1A0 BEL-S7DB-12B1A0 Datasheet
162Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
S7DB-12B1AH BEL-S7DB-12B1AH Datasheet
162Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
S7DB-12B1AX BEL-S7DB-12B1AX Datasheet
162Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - S7DB-12B180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
V7PD-15B BEL-V7PD-15B Datasheet
245Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
VRPD-15B BEL-VRPD-15B Datasheet
252Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
VRPD-15C BEL-VRPD-15C Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com