Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4110C Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4110C
Description  15 Watt Isolated DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4110C Datasheet(HTML) 2 Page - Texas Instruments

  PT4110C Datasheet HTML 1Page - Texas Instruments PT4110C Datasheet HTML 2Page - Texas Instruments PT4110C Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
0
0.5
1
1.5
2
2.5
3
36
40
44
48
52
56
60
64
68
72
˝
Note A:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the DC-DC Converter.
Note B:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM.
PT4102, 12.0 VDC
(See Note A.)
PT4103, 15.0 VDC
(See Note A.)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note B.)
Thermal Derating (Ta)
(See Note B.)
Thermal Derating (Ta)
(See Note B.)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT4101, 5.0 VDC
(See Note A.)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
85°
70°
Iout-(Amps)
40
50
60
70
80
90
100
00.5
11.5
22.5
3
36V
48V
60V
72V
Vin
40
50
60
70
80
90
100
0.25
0.5
0.75
1
1.25
36V
48V
60V
72V
Vin
40
50
60
70
80
90
100
0.25
0.5
0.75
1
36V
48V
60V
72V
Vin
0
20
40
60
80
100
120
0.25
0.5
0.75
1
72V
60V
48V
36V
Vin
0
20
40
60
80
100
120
0.25
0.5
0.75
1
1.25
72V
60V
48V
36V
Vin
0
20
40
60
80
100
120
00.5
11.5
22.5
3
72V
60V
48V
36V
Vin
0
0.25
0.5
0.75
1
1.25
36
40
44
48
52
56
60
64
68
72
˝
85°
70°
0
0.25
0.5
0.75
1
36
40
44
48
52
56
60
64
68
72
˝
85°
70°
0
1
2
3
4
5
0.25
0.5
0.75
1
72V
60V
48V
36V
Vin
0
1
2
3
4
5
0.25
0.5
0.75
1
1.25
72V
60V
48V
36V
Vin
0
1
2
3
4
5
00.5
11.5
22.5
3
72V
60V
48V
36V
Vin
PT4100—48V
15 Watt Isolated DC-DC Converter


Similar Part No. - PT4110C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4110C TI-PT4110C Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
PT4110C TI1-PT4110C Datasheet
180Kb / 4P
[Old version datasheet]   1500 VDC Isolation
More results

Similar Description - PT4110C

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
F7W-LF-SERIES BOTHHAND-F7W-LF-SERIES Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
   15 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
F7WLF BOTHHAND-F7WLF Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
F7LF BOTHHAND-F7LF Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
F7-LF-SERIES BOTHHAND-F7-LF-SERIES Datasheet
805Kb / 7P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
logo
Bothhand USA, LP.
B7-LF-SERIES BOTHHAND-B7-LF-SERIES Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com