Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC16245A Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 74LVC16245A
Description  16-bit bus transceiver with direction pin; 5V tolerant 3-State
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16245A Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 74LVC16245A Datasheet HTML 11Page - NXP Semiconductors 74LVC16245A Datasheet HTML 12Page - NXP Semiconductors 74LVC16245A Datasheet HTML 13Page - NXP Semiconductors 74LVC16245A Datasheet HTML 14Page - NXP Semiconductors 74LVC16245A Datasheet HTML 15Page - NXP Semiconductors 74LVC16245A Datasheet HTML 16Page - NXP Semiconductors 74LVC16245A Datasheet HTML 17Page - NXP Semiconductors 74LVC16245A Datasheet HTML 18Page - NXP Semiconductors 74LVC16245A Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
74LVC_LVCH16245A_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 6 November 2008
17 of 19
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
13. Abbreviations
14. Revision history
Table 10.
Abbreviations
Acronym
Description
CMOS
Complementary Metal Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
Table 11.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
74LVC_LVCH16245A_8
20081106
Preliminary data sheet
-
74LVC_LVCH16245A_7
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
Added type number 74LVC16245ABQ and 74LVCH16245ABQ (HUQFN60U package)
74LVC_LVCH16245A_7
20031125
Product specification
-
74LVC_LVCH16245A_6
74LVC_LVCH16245A_6
20030130
Product specification
-
74LVC_LVCH16245A_5
74LVC_LVCH16245A_5
20021030
Product specification
-
74LVC_H16245A_4
74LVC_H16245A_4
19970925
Product specification
-
74LVC16245A_
74LVCH16245A_3
74LVC16245A_
74LVCH16245A_3
19970925
Product specification
-
74LVC16245A_2
74LVC16245A_2
19970801
Product specification
-
74LVC16245A_1
74LVC16245A_1
-
-
-
-


Similar Part No. - 74LVC16245A

ManufacturerPart #DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC16245A NEXPERIA-74LVC16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
NXP Semiconductors
NXP Semiconductors
74LVC16245ABQ PHILIPS-74LVC16245ABQ Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
Integrated Circuit Systems
Integrated Circuit Syst...
74LVC16245ADGG ICST-74LVC16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
More results

Similar Description - 74LVC16245A

ManufacturerPart #DatasheetDescription
Integrated Circuit Systems
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
NXP Semiconductors
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
NXP Semiconductors
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245 Datasheet
87Kb / 16P
   16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com