Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC16245A Datasheet(PDF) 12 Page - NXP Semiconductors

Part No. 74LVC16245A
Description  16-bit bus transceiver with direction pin; 5V tolerant 3-State
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16245A Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74LVC16245A Datasheet HTML 8Page - NXP Semiconductors 74LVC16245A Datasheet HTML 9Page - NXP Semiconductors 74LVC16245A Datasheet HTML 10Page - NXP Semiconductors 74LVC16245A Datasheet HTML 11Page - NXP Semiconductors 74LVC16245A Datasheet HTML 12Page - NXP Semiconductors 74LVC16245A Datasheet HTML 13Page - NXP Semiconductors 74LVC16245A Datasheet HTML 14Page - NXP Semiconductors 74LVC16245A Datasheet HTML 15Page - NXP Semiconductors 74LVC16245A Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
74LVC_LVCH16245A_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 6 November 2008
12 of 19
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
[1]
The circuit performs better when RL = 1 kΩ,
Test data is given in Table 9.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 9.
Load circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Table 9.
Test data
Supply voltage
Input
Load
VEXT
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.2 V
VCC
≤ 2.5 ns
50 pF
500
open
2
× VCC
GND
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
open
2
× VCC
GND
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
open
2
× VCC
GND


Similar Part No. - 74LVC16245A

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
NXP Semiconductors
NXP Semiconductors
74LVC16245ABQ PHILIPS-74LVC16245ABQ Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
Integrated Circuit Systems
Integrated Circuit Syst...
74LVC16245ADGG ICST-74LVC16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
NXP Semiconductors
NXP Semiconductors
74LVC16245ADGG PHILIPS-74LVC16245ADGG Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results

Similar Description - 74LVC16245A

ManufacturerPart No.DatasheetDescription
Integrated Circuit Systems
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
NXP Semiconductors
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
NXP Semiconductors
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245 Datasheet
87Kb / 16P
   16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz