Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC16245A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC16245A
Description  16-bit bus transceiver with direction pin; 5V tolerant 3-State
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16245A Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC16245A Datasheet HTML 1Page - NXP Semiconductors 74LVC16245A Datasheet HTML 2Page - NXP Semiconductors 74LVC16245A Datasheet HTML 3Page - NXP Semiconductors 74LVC16245A Datasheet HTML 4Page - NXP Semiconductors 74LVC16245A Datasheet HTML 5Page - NXP Semiconductors 74LVC16245A Datasheet HTML 6Page - NXP Semiconductors 74LVC16245A Datasheet HTML 7Page - NXP Semiconductors 74LVC16245A Datasheet HTML 8Page - NXP Semiconductors 74LVC16245A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74LVC16245A; 74LVCH16245A are 16-bit transceivers featuring non-inverting
3-state bus compatible outputs in both send and receive directions. The device features
two output enable (nOE) inputs for easy cascading and two send/receive (nDIR) inputs for
direction control. nOE controls the outputs so that the buses are effectively isolated. This
device can be used as two 8-bit transceivers or one 16-bit transceiver.
Inputs can be driven from either 3.3 V or 5 V devices. When disabled, up to 5.5 V can be
applied to the outputs. These features allow the use of these devices in mixed
3.3 V and 5 V applications.
The 74LVCH16245A bus hold on data inputs eliminates the need for external pull-up
resistors to hold unused inputs.
2.
Features
I 5 V tolerant inputs/outputs for interfacing with 5 V logic
I Wide supply voltage range from 1.2 V to 3.6 V
I CMOS low power consumption
I MULTIBYTE flow-through standard pin-out architecture
I Low inductance multiple power and ground pins for minimum noise and ground
bounce
I Direct interface with TTL levels
I High-impedance when VCC =0V
I All data inputs have bus hold. (74LVCH16245A only)
I Complies with JEDEC standard JESD8-B / JESD36
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N CDM JESD22-C101C exceeds 1000 V
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08 — 6 November 2008
Product data sheet


Similar Part No. - 74LVC16245A

ManufacturerPart #DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC16245A NEXPERIA-74LVC16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
NXP Semiconductors
NXP Semiconductors
74LVC16245ABQ PHILIPS-74LVC16245ABQ Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
Integrated Circuit Systems
Integrated Circuit Syst...
74LVC16245ADGG ICST-74LVC16245ADGG Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
More results

Similar Description - 74LVC16245A

ManufacturerPart #DatasheetDescription
Integrated Circuit Systems
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
NXP Semiconductors
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
NXP Semiconductors
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245 Datasheet
87Kb / 16P
   16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com