Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4392 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # SRC4392
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4392 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button SRC4392 Datasheet HTML 7Page - Burr-Brown (TI) SRC4392 Datasheet HTML 8Page - Burr-Brown (TI) SRC4392 Datasheet HTML 9Page - Burr-Brown (TI) SRC4392 Datasheet HTML 10Page - Burr-Brown (TI) SRC4392 Datasheet HTML 11Page - Burr-Brown (TI) SRC4392 Datasheet HTML 12Page - Burr-Brown (TI) SRC4392 Datasheet HTML 13Page - Burr-Brown (TI) SRC4392 Datasheet HTML 14Page - Burr-Brown (TI) SRC4392 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
www.ti.com
SRC4392
SBFS029B – DECEMBER 2005 – REVISED APRIL 2006
PIN DESCRIPTIONS (continued)
NAME
PIN NUMBER
I/O
DESCRIPTION
INT
23
Output
Interrupt Flag (open-drain, active Low)
RST
24
Input
Reset (active Low)
MCLK
25
Input
Master Clock
GPO1
26
Output
General-Purpose Output 1
GPO2
27
Output
General-Purpose Output 2
GPO3
28
Output
General-Purpose Output 3
GPO4
29
Output
General-Purpose Output 4
DGND2
30
Ground
DIR Line Receiver Bias and DIT Line Driver Digital Ground
TX–
31
Output
DIT Line Driver Inverting Output
TX+
32
Output
DIT Line Driver Noninverting Output
VDD33
33
Power
DIR Line Receiver Bias and DIT Line Driver Supply, +3.3V Nominal
AESOUT
34
Output
DIT Buffered AES3-Encoded Data
BLS
35
I/O
DIT Block Start Clock
SYNC
36
Output
DIT internal Sync Clock
BCKA
37
I/O
Audio Serial Port A Bit Clock
LRCKA
38
I/O
Audio Serial Port A Left/Right Clock
SDINA
39
Input
Audio Serial Port A Data Input
SDOUTA
40
Output
Audio Serial Port A Data Output
NC
41
No Internal Signal Connection, Internally Bonded to ESD Pad
VIO
42
Power
Logic I/O Supply, +1.65V to +3.6V
DGND3
43
Ground
Logic I/O Ground
BGND
44
Ground
Substrate Ground, Connect to AGND (pin 10)
SDOUTB
45
Output
Audio Serial Port B Data Output
SDINB
46
Input
Audio Serial Port B Data Input
LRCKB
47
I/O
Audio Serial Port B Left/Right Clock
BCKB
48
I/O
Audio Serial Port B Bit Clock
11
Submit Documentation Feedback


Similar Part No. - SRC4392

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - SRC4392

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com