Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9401-12-00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9401-12-00
Description  Surface Mount Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9401-12-00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9401-12-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9401-12-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com
9400-9800 Series/Surface Mount Reed Relays
S
S
S
S
SURF
URF
URF
URF
URFA
A
A
A
ACE
CE
CE
CE
CE
M
M
M
M
MOUNT
OUNT
OUNT
OUNT
OUNT
R
R
R
R
REED
EED
EED
EED
EED
R
R
R
R
RELA
ELA
ELA
ELA
ELAYS
YS
YS
YS
YS
Ideally suited to the needs of Automated Test Equipment, Instrumentation
and Telecommunications requirements, Coto’s 9400 Series specification
tables allow you to select the appropriate relay for your particular applica-
tion. The Coto 9800 Series is an ultra-miniature Surface Mount Reed
Relay that combines small size with exceptional RF performance. This
small size allows for high density packing, and is ideal for high speed, high
pin count VLSI testers. Other applications include communications
systems and instrumentation. If your requirements differ, please consult
your local representative or Coto’s Factory to discuss a custom design.
S
S
S
S
SERIES
ERIES
ERIES
ERIES
ERIES
F
F
F
F
FEA
EA
EA
EA
EATURES
TURES
TURES
TURES
TURES
u Available in Axial, Gull wing and “J” lead configurations.
u Tape and Reel packaging available.
u High reliability, hermetically sealed contacts for long life.
u High Insulation Resistance - 10
12
Ω minimum.
u Coaxial shield for 50
Ω impedance. Excellent for RF and Fast
Rise Time Pulse switching. (up to 6 GHz)
u Compact surface mount package
Model 9400
Model 9800
Dimensions in Inches (Millimeters)
Gull Wing
J-Lead
Axial
Radial
Gull
Wing
J-Lead
Axial


Similar Part No. - 9401-12-00

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9401-12-00 COTO-9401-12-00 Datasheet
287Kb / 2P
   Series/Surface Mount Reed Relays
More results

Similar Description - 9401-12-00

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9200 COTO-9200 Datasheet
307Kb / 2P
   Surface Mount Reed Relays
logo
RHOPOINT COMPONENTS
9201-05-00 RHOPOINT-9201-05-00 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9401 RHOPOINT-9401 Datasheet
54Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
17D-1A12G DBLECTRO-17D-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9901-05-00 COTO-9901-05-00_14 Datasheet
447Kb / 2P
   SURFACE MOUNT REED RELAYS
logo
List of Unclassifed Man...
9852 ETC-9852 Datasheet
96Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
10R-1A12G DBLECTRO-10R-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9802-03-00 COTO-9802-03-00 Datasheet
366Kb / 2P
   Surface Mount Reed Relays
9901-05-00 COTO-9901-05-00 Datasheet
294Kb / 2P
   Surface Mount Reed Relays
9300 COTO-9300 Datasheet
287Kb / 2P
   Series/Surface Mount Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com