Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 9400
Description  Surface Mount Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

9400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com
9400-9800 Series/Surface Mount Reed Relays
S
S
S
S
SURF
URF
URF
URF
URFA
A
A
A
ACE
CE
CE
CE
CE
M
M
M
M
MOUNT
OUNT
OUNT
OUNT
OUNT
R
R
R
R
REED
EED
EED
EED
EED
R
R
R
R
RELA
ELA
ELA
ELA
ELAYS
YS
YS
YS
YS
Ideally suited to the needs of Automated Test Equipment, Instrumentation
and Telecommunications requirements, Coto’s 9400 Series specification
tables allow you to select the appropriate relay for your particular applica-
tion. The Coto 9800 Series is an ultra-miniature Surface Mount Reed
Relay that combines small size with exceptional RF performance. This
small size allows for high density packing, and is ideal for high speed, high
pin count VLSI testers. Other applications include communications
systems and instrumentation. If your requirements differ, please consult
your local representative or Coto’s Factory to discuss a custom design.
S
S
S
S
SERIES
ERIES
ERIES
ERIES
ERIES
F
F
F
F
FEA
EA
EA
EA
EATURES
TURES
TURES
TURES
TURES
u Available in Axial, Gull wing and “J” lead configurations.
u Tape and Reel packaging available.
u High reliability, hermetically sealed contacts for long life.
u High Insulation Resistance - 10
12
Ω minimum.
u Coaxial shield for 50
Ω impedance. Excellent for RF and Fast
Rise Time Pulse switching. (up to 6 GHz)
u Compact surface mount package
Model 9400
Model 9800
Dimensions in Inches (Millimeters)
Gull Wing
J-Lead
Axial
Radial
Gull
Wing
J-Lead
Axial


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
10R-1A12GSURFACE MOUNT REED RELAYS 1 2 3 4 DB Lectro Inc
17D-1A12GSURFACE MOUNT REED RELAYS 1 2 3 4 DB Lectro Inc
9852Surface Mount Reed Relays 1 2 List of Unclassifed Manufacturers
832A-583 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 1 2 List of Unclassifed Manufacturers
1D-2M12GMICROMINIATURE SURFACE MOUNT REED RELAY 1 2 3 4 DB Lectro Inc
1D-14GMICROMINIATURE SURFACE MOUNT REED RELAY 1 2 3 4 DB Lectro Inc
B404-Channel RF Relays 1 2 Coto Technology
B10RF Relays 1 2 Coto Technology
GRF180SURFACE MOUNT MAGNETIC-LATCHING BROADBAND RF RELAYS DPDT 1 2 3 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn