Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9400 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 9400
Description  Surface Mount Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

9400 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com
9400-9800 Series/Surface Mount Reed Relays
Top View:
Dot stamped on top of relay refers to pin #1 location
Environmental Ratings2
Storage Temp: -35°C to +100°C; Operating Temp: -20°C to +85°C
The operate and release voltage and the coil resistance are
specified at 25°C. These values vary by approximately
0.4%/°C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Notes:
1 Consult factory for life expectancy at other switching
loads. Contact resistance 2.0
Ω defines end of life.
2 Surface mount component processing temperature:
430°F(221°C) max for 1 minute dwell time. Tempera
ture measured on leads where lead exits molded package.
3 Consists of 20V Zener-diode and 1N1002 diode in series,
connected in parallel with coil.
Model Number
9401
9402
9802
Parameters
Test Conditions
Units
1 Form A
1 Form A
50
Ω Coaxial
1 Form A
50
Ω Coaxial
COIL SPECIFICATIONS
Nom. Coil Voltage
VDC
5
12
5
12
5
Max. Coil Voltage
VDC
6.2
15.0
6.2
15.0
6
Coil Resistance
+/- 10%, 25° C
200
825
200
825
150
Operate Voltage
Must Operate by
VDC - Max.
3.75
9.0
3.75
9.0
3.8
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
0.4
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
100
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
0.25
Carry Current
Max DC/Peak AC Resist.
Amps
1
1
0.5
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
3
Life Expectancy-Typical
1
Signal Level 1.0V,10mA
x 10
6 Ops.
250
250
250
Static Contact Resistance
(max. init.)
50mV, 10mA
0.125
0.125
0.125
Dynamic Contact Resistance
(max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
0.150
0.150
0.150
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
x 10
12
x 10
12
x 10
12
Capacitance - Typical
Across Open Contacts
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
0.2
-
-
-
0.4
0.1
-
-
0.2
Open Contact to Coil
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
1.1
-
-
-
1.1
0.1
-
-
0.5
Closed Contact to Coil
Shield Guarding
pF
-
-
0.5
Contact to Shield
Contacts Open,
Shield Floating
pF
-
1.1
-
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
300
-
1500
300
1500
1500
200
1500
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.40
0.40
0.25
Release Time - Typical
Zener-Diode Suppression
3
msec.
0.20
0.20
0.05


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
10R-1A12GSURFACE MOUNT REED RELAYS 1 2 3 4 DB Lectro Inc
17D-1A12GSURFACE MOUNT REED RELAYS 1 2 3 4 DB Lectro Inc
9852Surface Mount Reed Relays 1 2 List of Unclassifed Manufacturers
832A-583 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 1 2 List of Unclassifed Manufacturers
1D-2M12GMICROMINIATURE SURFACE MOUNT REED RELAY 1 2 3 4 DB Lectro Inc
1D-14GMICROMINIATURE SURFACE MOUNT REED RELAY 1 2 3 4 DB Lectro Inc
B404-Channel RF Relays 1 2 Coto Technology
B10RF Relays 1 2 Coto Technology
GRF180SURFACE MOUNT MAGNETIC-LATCHING BROADBAND RF RELAYS DPDT 1 2 3 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn