Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2633 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2633
Description  VHF-to-Microwave, 3V, General-Purpose Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2633 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2633 Datasheet HTML 4Page - Maxim Integrated Products MAX2633 Datasheet HTML 5Page - Maxim Integrated Products MAX2633 Datasheet HTML 6Page - Maxim Integrated Products MAX2633 Datasheet HTML 7Page - Maxim Integrated Products MAX2633 Datasheet HTML 8Page - Maxim Integrated Products MAX2633 Datasheet HTML 9Page - Maxim Integrated Products MAX2633 Datasheet HTML 10Page - Maxim Integrated Products MAX2633 Datasheet HTML 11Page - Maxim Integrated Products MAX2633 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
VHF-to-Microwave, +3V,
General-Purpose Amplifiers
8
_______________________________________________________________________________________
Figure 4. MAX2630 Example PC Board Layout
Figure 5. MAX2631 Example PC Board Layout
Figure 7. MAX2633 Example PC Board Layout
Figure 6. MAX2632 Example PC Board Layout
PC Board Layout Example
Example PC board layouts are given in Figures 4 to 7.
They use FR-4 with a 31mil layer thickness between the
RF lines and the ground plane. The boards satisfy all of
the above recommendations.


Similar Part No. - MAX2633

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2633EUT-T MAXIM-MAX2633EUT-T Datasheet
263Kb / 12P
   VHF-to-Microwave, 3V, General-Purpose Amplifiers
Rev 3; 2/07
More results

Similar Description - MAX2633

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2632EUK MAXIM-MAX2632EUK Datasheet
263Kb / 12P
   VHF-to-Microwave, 3V, General-Purpose Amplifiers
Rev 3; 2/07
logo
Advanced Power Technolo...
MS1642P ADPOW-MS1642P Datasheet
82Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
logo
Microsemi Corporation
MS1642P MICROSEMI-MS1642P Datasheet
55Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
logo
STMicroelectronics
MSC81402 STMICROELECTRONICS-MSC81402 Datasheet
41Kb / 3P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIERS APPLICATIONS
logo
RF Micro Devices
RF2325 RFMD-RF2325 Datasheet
245Kb / 8P
   3V GENERAL PURPOSE AMPLIFIER
RF2326 RFMD-RF2326 Datasheet
247Kb / 8P
   3V GENERAL PURPOSE AMPLIFIER
RF2321 RFMD-RF2321 Datasheet
240Kb / 8P
   3V GENERAL PURPOSE AMPLIFIER
RF2323 RFMD-RF2323 Datasheet
250Kb / 8P
   3V GENERAL PURPOSE AMPLIFIER
RF2322 RFMD-RF2322 Datasheet
285Kb / 8P
   3V GENERAL PURPOSE AMPLIFIER
logo
STMicroelectronics
2N3700 STMICROELECTRONICS-2N3700 Datasheet
43Kb / 4P
   GENERAL PURPOSE AMPLIFIERS
January 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com