Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4011EFE Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4011EFE
Description  High Efficiency Standalone Nickel Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4011EFE Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4011EFE Datasheet HTML 2Page - Linear Technology LTC4011EFE Datasheet HTML 3Page - Linear Technology LTC4011EFE Datasheet HTML 4Page - Linear Technology LTC4011EFE Datasheet HTML 5Page - Linear Technology LTC4011EFE Datasheet HTML 6Page - Linear Technology LTC4011EFE Datasheet HTML 7Page - Linear Technology LTC4011EFE Datasheet HTML 8Page - Linear Technology LTC4011EFE Datasheet HTML 9Page - Linear Technology LTC4011EFE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC4011
4011p
PI FU CTIO S
DCIN (Pin 1): DC Power Sense Input. The LTC4011 senses
voltage on this pin to determine when an external DC
power source is present. This input should be isolated
from VCC by a blocking diode or PowerPath FET. Refer to
the Applications Information section for complete details.
Operating voltage range is GND to 34V.
FAULT (Pin 2): Active-Low Fault Indicator Output. The
LTC4011 indicates various battery and internal fault con-
ditions by connecting this pin to GND. Refer to the Opera-
tion and Applications Information sections for further
details. This output is capable of driving an LED and should
be left floating if not used. FAULT is an open-drain output
to GND with an operating voltage range of GND to VCC.
CHRG (Pin 3): Active-Low Charge Indicator Output. The
LTC4011 indicates it is providing charge to the battery by
connecting this pin to GND. Refer to the Operation and
Applications Information sections for further details. This
output is capable of driving an LED and should be left
floating if not used. CHRG is an open-drain output to GND
with an operating voltage range of GND to VCC.
CHEM (Pin 4): Battery Chemistry Selection Input. This pin
should be wired to GND to select NiMH fast charge
termination parameters. If a voltage greater than 2.85V is
applied to this pin, or it is left floating, NiCd parameters are
used. Refer to the Applications Information section for
further details. Operating voltage range is GND to 3.3V.
GND (Pin 5): Ground. This pin provides a single-point
ground for internal references and other critical analog
circuits.
VRT (Pin 6): Thermistor Network Termination Output. The
LTC4011 provides 3.3V on this pin to drive an external
thermistor network connected between VRT, VTEMP and
GND. Additional power should not be drawn from this pin
by the host application.
VTEMP (Pin 7): Battery Temperature Input. An external
thermistor network may be connected to VTEMP to pro-
vide temperature-based charge qualification and addi-
tional fast charge termination control. Charging may also
be paused by connecting the VTEMP pin to GND. Refer to
the Operation and Applications Information sections for
complete details on external thermistor networks and
charge control. If this pin is not used it should be wired
to VRT. Operating voltage range is GND to 3.3V.
VCELL (Pin 8): Average Single-Cell Voltage Input. An
external voltage divider between BAT and VCDIV is attached
to this pin to monitor the average single-cell voltage of the
battery pack. The LTC4011 uses this information to pro-
tect against catastrophic battery overvoltage and to con-
trol the charging state. Refer to the Applications Information
section for further details on the external divider network.
Operating voltage range is GND to BAT.
VCDIV (Pin 9): Average Cell Voltage Resistor Divider Ter-
mination. The LTC4011 connects this pin to GND provided
the charger is not in shutdown. VCDIV is an open-drain
output to GND with an operating voltage range of GND to
BAT.
TIMER (Pin 10): Charge Timer Input. A resistor connected
between TIMER and GND programs charge cycle timing
limits. Refer to the Applications Information section for
complete details. Operating voltage range is GND to 1V.
SENSE (Pin 11): Charge Current Sense Input. An external
resistor between this input and BAT is used to program
charge current. Refer to the Applications Information
section for complete details on programming charge
current. Operating voltage ranges from (BAT – 50mV) to
(BAT + 200mV).
BAT (Pin 12): Battery Pack Connection. The LTC4011 uses
the voltage on this pin to control current sourced from VCC
to the battery during charging. Allowable operating volt-
age range is GND to VCC.
TOC (Pin 13): Active-Low Top-Off Charge Indicator Out-
put. The LTC4011 indicates the top-off charge state for
NiMH batteries by connecting this pin to GND. Refer to the
Operation and Applications Information sections for fur-
ther details. This output is capable of driving an LED and
should be left floating if not used. TOC is an open-drain
output to GND with an operating voltage range of GND to
VCC.


Similar Part No. - LTC4011EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4011 LINER-LTC4011 Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011CFE LINER-LTC4011CFE Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011CFEPBF LINER-LTC4011CFEPBF Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011CFETR LINER-LTC4011CFETR Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011CFETRPBF LINER-LTC4011CFETRPBF Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
More results

Similar Description - LTC4011EFE

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4010 LINEAR-LTC4010 Datasheet
204Kb / 20P
   High Efficiency Standalone Nickel Battery Charger
logo
Linear Technology
LTC4011 LINER-LTC4011_15 Datasheet
663Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010 Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011_1 Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010_15 Datasheet
290Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com