Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB0512S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IB0512S
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IB0512S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IB0512S Datasheet HTML 1Page - List of Unclassifed Manufacturers IB0512S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Details
Derating Curve
Pin Connections
0.240 MAX*
0.780 MAX
0.015
0.400 MAX
0.120 MIN
0.100
0.045
0.010 MAX
0.500
0.18
BOTTOM
* 0.280 max for 48VDC input models
SINGLE-IN-LINE PACKAGE
12
4
6
Vcc
GND
0V
+V
OUTPUT VOLTAGE & CURRENT RATINGS
IB
Output
Output
5 VDC
12 VDC
24 VDC
48 VDC
Voltage(s)
Current(s)
Input
Input
Input
Input
3.3 VDC
300 mA
IB0503S
IB1203S
IB2403S
IB4803S
5.0 VDC
200 mA
IB0505S
IB1205S
IB2405S
IB4805S
9.0 VDC
110 mA
IB0509S
IB1209S
IB2409S
IB4809S
12.0 VDC
84 mA
IB0512S
IB1212S
IB2412S
IB4812S
15.0 VDC
66 mA
IB0515S
IB1215S
IB2415S
IB4815S
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xpiq.com
Holliston, MA 01746 USA
www.XPiQ.com
IB.qxd
6/6/03
4:16 pm
Page 2


Similar Part No. - IB0512S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IB0512S XPPOWER-IB0512S Datasheet
53Kb / 1P
   DC-DC Power Supplies
logo
MORNSUN Science& Techno...
IB0512S-W75R3 MORNSUN-IB0512S-W75R3 Datasheet
617Kb / 4P
   0.75W isolated DC-DC converter with Fixed Input Voltage and Regulated Single Output
More results

Similar Description - IB0512S

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com