Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVS20056C300030 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LVS20056C300030
Description  Chip varistor provides high reliability on surface mounting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LVS20056C300030 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  LVS20056C300030 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVS20056C300030 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVS20056C300030 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVS20056C300030 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVS20056C300030 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVS20056C300030 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
What is ESD ?
It is a kind of transient voltage noise. The definition of transient
voltage is listed in IEC 61000-4 series, which describes the
immunity requirements and test methods for electrical and
electric equipments, subjected to ESD, EFT, and surge. Figure 1
is the waveform of ESD, defined in IEC 61000-4-2.
Varistor vs. TVS Diode
ESD current has the rise time of sub-nanosecond, duration of
tens of nanosecond, and its amplitude reaches over 10KV. So,
the protecting device from ESD also needs fast response time.
TVS diode has a similar performance with that of LATTRON's
varistor, in terms of response time and handling capacity. Which,
however, shows inferiority in surge current, leakage current,
operating directionality, polarity, and miniaturization as shown in
the table.
Protection Performance of Lattron is Varistor for ESD
The performance of Lattron is varistor against ESD noise is
tested with the test circuit as shown in Picture 2.
Test procedure includes three different circuit configurations;
without varistor, with varistor at DUT position, and shorted circuit
at DUT position. The test results that had collected with digital
scope are shown in Picture 3.
The performance of ESD suppression with Lattron is varistor is
as good as that of short circuit.
Picture 1.
Picture 2.
Picture 3.
LATTRON®ó VARISTOR
TVS DIODE
Response time
< 1ns
> 1ns
ESD handling
capability
> Contact 8kV, 10 cycle
Leakage current
Low in all spec.
High in case of
low voltage spec.
Surge current
Low especially in
handling capability
High in all spec.
high voltage spec.
Operating temp.
Characteristics are
Characteristics are
deteriorated over 80°C
deteriorated from 25°C
Size
Min. 0603 mm
Min. 1608 mm
TEST INSTRUMENTS : TEKTRONIX TDS3054. MINIZAP
Chip Varistor
APPLICATION FOR ESD
6
www.rhopointcomponents.com Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255


Similar Part No. - LVS20056C300030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVS2100N ETC1-LVS2100N Datasheet
148Kb / 5P
   N-Channel PowerJFET
LVS2201N ETC1-LVS2201N Datasheet
138Kb / 5P
   Dual N-Channel PowerJFET
logo
Siemens Semiconductor G...
LVS260-DO SIEMENS-LVS260-DO Datasheet
441Kb / 7P
   SOT-23 MULTILED, Diffused
More results

Similar Description - LVS20056C300030

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DSH104C TOKO-DSH104C Datasheet
56Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DSH126C TOKO-DSH126C Datasheet
57Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH63LCB TOKO-DH63LCB Datasheet
58Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH10F TOKO-DH10F Datasheet
85Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH124C TOKO-DH124C Datasheet
69Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH75C TOKO-DH75C Datasheet
52Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
logo
Level One
IES-0522 LVL1-IES-0522 Datasheet
2Mb / 2P
   Provides wall and desktop mounting
logo
List of Unclassifed Man...
NRC04ZOTRF ETC2-NRC04ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
NRC10ZOTRF ETC2-NRC10ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
logo
Copal Electronics
T2710 COPAL-T2710 Datasheet
197Kb / 2P
   Gold-plated contact provides excellent reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com