Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTP45N06L Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTP45N06L
Description  45 Amps, 60 Volts, Logic Level, N?묬hannel TO??20 and D2PAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP45N06L Datasheet(HTML) 3 Page - ON Semiconductor

  NTP45N06L Datasheet HTML 1Page - ON Semiconductor NTP45N06L Datasheet HTML 2Page - ON Semiconductor NTP45N06L Datasheet HTML 3Page - ON Semiconductor NTP45N06L Datasheet HTML 4Page - ON Semiconductor NTP45N06L Datasheet HTML 5Page - ON Semiconductor NTP45N06L Datasheet HTML 6Page - ON Semiconductor NTP45N06L Datasheet HTML 7Page - ON Semiconductor NTP45N06L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTP45N06L, NTB45N06L
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
67
67.2
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
1.0
10
mAdc
Gate−Body Leakage Current (VGS = ± 15 Vdc, VDS = 0 Vdc)
IGSS
±100
nAdc
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage (Note 4)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
1.8
4.7
2.0
Vdc
mV/
°C
Static Drain−to−Source On−Resistance (Note 4)
(VGS = 5.0 Vdc, ID = 22.5 Adc)
RDS(on)
23
28
m
W
Static Drain−to−Source On−Voltage (Note 4)
(VGS = 5.0 Vdc, ID = 45 Adc)
(VGS = 5.0 Vdc, ID = 22.5 Adc, TJ = 150°C)
VDS(on)
1.03
0.93
1.51
Vdc
Forward Transconductance (Note 4) (VDS = 8.0 Vdc, ID = 12 Adc)
gFS
22.8
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vd
V
0Vd
Ciss
1212
1700
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
352
480
Transfer Capacitance
f = 1.0 MHz)
Crss
90
180
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(on)
13
30
ns
Rise Time
(VDD = 30 Vdc, ID = 45 Adc,
tr
341
680
Turn−Off Delay Time
(VDD 30 Vdc, ID
45 Adc,
VGS = 5.0 Vdc, RG = 9.1 W) (Note 4)
td(off)
36
75
Fall Time
tf
158
320
Gate Charge
(V
48 Vd
I
45 Ad
QT
23
32
nC
(VDS = 48 Vdc, ID = 45 Adc,
VGS = 5.0 Vdc) (Note 4)
Q1
4.6
VGS = 5.0 Vdc) (Note 4)
Q2
14.1
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 45 Adc, VGS = 0 Vdc) (Note 4)
(IS = 45 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
1.01
0.92
1.15
Vdc
Reverse Recovery Time
(I
45 Ad
V
0Vd
trr
56
ns
(IS = 45 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms) (Note 4)
ta
30
dIS/dt = 100 A/ms) (Note 4)
tb
26
Reverse Recovery Stored Charge
QRR
0.09
mC
3. When surface mounted to an FR4 board using the minimum recommended pad size, (Cu Area 0.412 in2).
4. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
5. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTP45N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP45N06L ONSEMI-NTP45N06L Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
More results

Similar Description - NTP45N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
   Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTB45N06G ONSEMI-NTB45N06G Datasheet
86Kb / 7P
   Power MOSFET 45 Amps, 60 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 1
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTBV45N06 ONSEMI-NTBV45N06 Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTB45N06T4G ONSEMI-NTB45N06T4G Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTD3055L170 ONSEMI-NTD3055L170 Datasheet
93Kb / 8P
   9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
   12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com