Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62LV1288LL-55QI Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS62LV1288LL-55QI
Description  128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62LV1288LL-55QI Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS62LV1288LL-55QI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62LV1288LL-55QI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
03/22/01
IS62LV1288LL
ISSI®
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
PIN CONFIGURATION
32-Pin SOP (Q)
PIN DESCRIPTIONS
A0-A16
Address Inputs
CE1
Chip Enable 1 Input
CE2
Chip Enable 2 Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
NC
No Connection
Vcc
Power
GND
Ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
WE
CE2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
A3
PIN CONFIGURATION
32-Pin TSOP (Type I) (T) and STSOP (Type 1) (H)
OPERATING RANGE
Range
Ambient Temperature
Speed
VCC MIN.VCC MAX.
Commercial
0°C to +70°C
-45 ns
2.85V
3.15V
-55 ns
2.5V
3.45V
-70 ns
2.5V
3.45V
Industrial
–40°C to +85°C
-45 ns
2.85V
3.15V
-55 ns
2.5V
3.45V
-70 ns
2.5V
3.45V


Similar Part No. - IS62LV1288LL-55QI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10B ISSI-IS62LV12816BLL-10B Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10BI ISSI-IS62LV12816BLL-10BI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10T ISSI-IS62LV12816BLL-10T Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10TI ISSI-IS62LV12816BLL-10TI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62LV1288LL-55QI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com