Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C192-20PC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C192-20PC
Description  64K x 4 Static RAM with Separate I/O
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C192-20PC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C192-20PC Datasheet HTML 1Page - Cypress Semiconductor CY7C192-20PC Datasheet HTML 2Page - Cypress Semiconductor CY7C192-20PC Datasheet HTML 3Page - Cypress Semiconductor CY7C192-20PC Datasheet HTML 4Page - Cypress Semiconductor CY7C192-20PC Datasheet HTML 5Page - Cypress Semiconductor CY7C192-20PC Datasheet HTML 6Page - Cypress Semiconductor CY7C192-20PC Datasheet HTML 7Page - Cypress Semiconductor CY7C192-20PC Datasheet HTML 8Page - Cypress Semiconductor CY7C192-20PC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY7C192
Document #: 38-05047 Rev. **
Page 2 of 10
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
..................................... −65°C to +150°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
Supply Voltage to Ground Potential
(Pin 28 to Pin 14)
.................................................−0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[1]
....................................... −0.5V to V
CC + 0.5V
DC Input Voltage[1]
.................................... −0.5V to V
CC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage .......................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Operating Range
Range
Ambient
Temperature[2]
VCC
Commercial
0
°C to +70°C
5V
± 10%
Electrical Characteristics Over the Operating Range
7C192-12
7C192-15
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = −4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC +0.3V
2.2
VCC +0.3V
V
VIL
Input LOW Voltage[1]
−0.5
0.8
−0.5
0.8
V
IIX
Input Load Current
GND < VI < VCC
−5+5
−5+5
µA
IOZ
Output Leakage
Current
GND < VO < VCC,
Output Disabled
−5+5
−5+5
µA
IOS
Output Short
Circuit Current[3]
VCC = Max., VOUT = GND
−300
−300
mA
ICC
VCC Operating
Supply Current
VCC = Max., IOUT = 0 mA, f = fMAX
= 1/tRC
155
145
mA
ISB1
Automatic CE Power-
Down Current—
TTL Inputs
Max. VCC, CE > VIH, VIN > VIH or
VIN < VIL, f = fMAX
30
30
mA
ISB2
Automatic CE Power-
Down Current—CMOS
Inputs
Max. VCC, CE > VCC − 0.3V,
VIN > VCC − 0.3V or VIN < 0.3V,
f = 0
10
10
mA
Notes:
1.
Minimum voltage is equal to
− 2.0V for pulse durations of less than 20 ns.
2.
TA is the case temperature.
3.
Not more than 1 output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.


Similar Part No. - CY7C192-20PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C192-12VC CYPRESS-CY7C192-12VC Datasheet
252Kb / 8P
   64K x 4 Static RAM with Separate I/O
CY7C192-15VC CYPRESS-CY7C192-15VC Datasheet
252Kb / 8P
   64K x 4 Static RAM with Separate I/O
CY7C192-15VC CYPRESS-CY7C192-15VC Datasheet
243Kb / 9P
   64K x 4 Static RAM with Separate IO
CY7C192-15VXC CYPRESS-CY7C192-15VXC Datasheet
243Kb / 9P
   64K x 4 Static RAM with Separate IO
CY7C192-15VXC CYPRESS-CY7C192-15VXC Datasheet
439Kb / 12P
   64 K 횞 4 Static RAM with Separate IO CMOS for optimum speed/power
More results

Similar Description - CY7C192-20PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C192 CYPRESS-CY7C192_06 Datasheet
252Kb / 8P
   64K x 4 Static RAM with Separate I/O
CY7C1001 CYPRESS-CY7C1001 Datasheet
587Kb / 9P
   256K x 4 Static RAM with Separate I/O
CY7C192 CYPRESS-CY7C192_08 Datasheet
243Kb / 9P
   64K x 4 Static RAM with Separate IO
logo
List of Unclassifed Man...
SC5104 ETC1-SC5104 Datasheet
500Kb / 8P
   64K X 4 BiCMOS ECL I/O STATIC RAM
logo
National Semiconductor ...
MM2101 NSC-MM2101 Datasheet
252Kb / 3P
   1024-bit (256 x 4) static MOS RAM with separate I/O
logo
Toshiba Semiconductor
TC554101J-20 TOSHIBA-TC554101J-20 Datasheet
433Kb / 8P
   1,048,576 WORD x 4 BIT SEPARATE I/O CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Motorola, Inc
MCM67Q709A MOTOROLA-MCM67Q709A Datasheet
139Kb / 10P
   128K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q909 MOTOROLA-MCM67Q909 Datasheet
139Kb / 10P
   512K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com