Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C192-12VC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C192-12VC
Description  64K x 4 Static RAM with Separate I/O
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C192-12VC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C192-12VC Datasheet HTML 1Page - Cypress Semiconductor CY7C192-12VC Datasheet HTML 2Page - Cypress Semiconductor CY7C192-12VC Datasheet HTML 3Page - Cypress Semiconductor CY7C192-12VC Datasheet HTML 4Page - Cypress Semiconductor CY7C192-12VC Datasheet HTML 5Page - Cypress Semiconductor CY7C192-12VC Datasheet HTML 6Page - Cypress Semiconductor CY7C192-12VC Datasheet HTML 7Page - Cypress Semiconductor CY7C192-12VC Datasheet HTML 8Page - Cypress Semiconductor CY7C192-12VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY7C192
Document #: 38-05047 Rev. **
Page 4 of 10
Switching Characteristics Over the Operating Range[6]
7C192-12
7C192-15
7C192-20
7C192-25
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
12
15
20
25
ns
tAA
Address to Data Valid
12
15
20
25
ns
tOHA
Output Hold from
Address Change
33
3
3
ns
tACE
CE LOW to
Data Valid
12
15
20
25
ns
tLZCE
CE LOW to
Low Z[7]
33
3
3
ns
tHZCE
CE HIGH to
High Z[7,8]
57
9
11
ns
tPU
CE LOW to
Power-Up
00
0
0
ns
tPD
CE HIGH to
Power-Down
12
15
20
25
ns
WRITE CYCLE[9]
tWC
Write Cycle Time
12
15
20
25
ns
tSCE
CE LOW to
Write End
910
15
18
ns
tAW
Address Set-Up to
Write End
910
15
20
ns
tHA
Address Hold from
Write End
00
0
0
ns
tSA
Address Set-Up to
Write Start
00
0
0
ns
tPWE
WE Pulse Width
8
9
15
18
ns
tSD
Data Set-Up to
Write End
89
10
10
ns
tHD
Data Hold from
Write End
00
0
0
ns
tLZWE
WE HIGH to
Low Z (7C192)[7]
33
3
3
ns
tHZWE
WE LOW to
High Z (7C192)[7,8]
77
10
11
ns
tDWE
WE LOW to Data Valid
(7C191)
12
15
20
25
ns
tADV
Data Valid to
Output Valid (7C191)
12
15
20
20
ns
tDCE
CE LOW to Data Valid
(7C191)
12
15
20
25
ns
Notes:
6.
Test conditions assume signal transition time of 3 ns or less for -12 and -15 speeds and 5 ns or less for -20 through -25 speeds, timing reference levels of
1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified IOL/IOH and 30-pF load capacitance.
7.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZWE is less than tLZWE for any given device. These parameters are guaranteed by
design and not 100% tested.
8.
tHZCE and tHZWE are specified with CL = 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
9.
The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. Both signals must be LOW to initiate a write and either signal can
terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write.


Similar Part No. - CY7C192-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C192-12VC CYPRESS-CY7C192-12VC Datasheet
252Kb / 8P
   64K x 4 Static RAM with Separate I/O
More results

Similar Description - CY7C192-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C192 CYPRESS-CY7C192_06 Datasheet
252Kb / 8P
   64K x 4 Static RAM with Separate I/O
CY7C1001 CYPRESS-CY7C1001 Datasheet
587Kb / 9P
   256K x 4 Static RAM with Separate I/O
CY7C192 CYPRESS-CY7C192_08 Datasheet
243Kb / 9P
   64K x 4 Static RAM with Separate IO
logo
List of Unclassifed Man...
SC5104 ETC1-SC5104 Datasheet
500Kb / 8P
   64K X 4 BiCMOS ECL I/O STATIC RAM
logo
National Semiconductor ...
MM2101 NSC-MM2101 Datasheet
252Kb / 3P
   1024-bit (256 x 4) static MOS RAM with separate I/O
logo
Toshiba Semiconductor
TC554101J-20 TOSHIBA-TC554101J-20 Datasheet
433Kb / 8P
   1,048,576 WORD x 4 BIT SEPARATE I/O CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Motorola, Inc
MCM67Q709A MOTOROLA-MCM67Q709A Datasheet
139Kb / 10P
   128K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q909 MOTOROLA-MCM67Q909 Datasheet
139Kb / 10P
   512K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com