Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DCA
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DCA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DCA Datasheet HTML 1Page - List of Unclassifed Manufacturers DCA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Efficiency to 86%
Wide Input Ranges
Adjustable Outputs
Isolated Outputs
Input/Output Protection
Compact Size/Light Weight
Specification
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
15-25-50 Watts
DCA/DCB/DCC Series
DC/DC Converters
Intelligent Design Quality Product
XPiQ inc.
Input
Input Voltage Range
See Table
Input Filter
π Network
Input Protection
Input Fuse
Output
Voltage Adjustment
±5%, see note 1, page 2
Line Regulation
0.8%
(Full Input Range)
Load Regulation
0.9%
(No Load-Full Load)
Ripple & Noise
5% of VOUT & 50mV p-p
(DC-100MHz)
Temperature
0.03%/°C
Coefficient
Overvoltage
Zener Diode
Protection
Short Circuit
Foldback Current Limit
Protection
General
Switching
50 kHz Typical
Frequency
Efficiency
75% Typical
Isolation
50 Mohm (500 VDC)
(Input-Output-Case)
Weight
DCA 250g, DCB,350g, DCC 410G
Environmental
Operating
0°C to 50°C (no derating)
Temperature
Storage
-20°C to 85°C
Temperature
Safety and EMC
EMI/RFI
Metal Case
DCA/DCB/DCC
4/4/02
3:42 pm
Page 1


Similar Part No. - DCA

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
DCA-17-01 SAMTEC-DCA-17-01 Datasheet
301Kb / 3P
   DUST CAP ASSEMBLY
DCA-17-02 SAMTEC-DCA-17-02 Datasheet
301Kb / 3P
   DUST CAP ASSEMBLY
DCA-17-03 SAMTEC-DCA-17-03 Datasheet
301Kb / 3P
   DUST CAP ASSEMBLY
logo
Murata Power Solutions ...
DCA-20PC MURATA-PS-DCA-20PC Datasheet
1Mb / 6P
   LED Display, Subminiature DC Ammeters with Built-In Shunts
2023
DCA-20PC-1-DC1-RL-C MURATA-PS-DCA-20PC-1-DC1-RL-C Datasheet
1Mb / 6P
   LED Display, Subminiature DC Ammeters with Built-In Shunts
2023
More results

Similar Description - DCA

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com