Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9261B19CX Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9261B19CX
Description  VFM Step-up DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9261B19CX Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9261B19CX Datasheet HTML 1Page - Richtek Technology Corporation RT9261B19CX Datasheet HTML 2Page - Richtek Technology Corporation RT9261B19CX Datasheet HTML 3Page - Richtek Technology Corporation RT9261B19CX Datasheet HTML 4Page - Richtek Technology Corporation RT9261B19CX Datasheet HTML 5Page - Richtek Technology Corporation RT9261B19CX Datasheet HTML 6Page - Richtek Technology Corporation RT9261B19CX Datasheet HTML 7Page - Richtek Technology Corporation RT9261B19CX Datasheet HTML 8Page - Richtek Technology Corporation RT9261B19CX Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary
RT9261B
DS9261B-03 September 2001
www.richtek-ic.com.tw
1
VFM Step-up DC/DC Converter
General Description
The RT9261B Series are VFM Step-up DC/DC
converter ICs with ultra low supply current by CMOS
process and suitable for use with battery-powered
instruments.
The RT9261B IC consists of an oscillator, a VFM
control circuit, a driver transistor (LX switch), a
reference voltage unit, an error amplifier, resistors
for voltage detection, and a LX switch protection
circuit. A low ripple and high efficiency step-up
DC/DC converter can be constructed with the
RT9261B IC and only three external components.
The CE pin enables the circuit to set the standby
supply current at a maximum of 0.5
µA.
Ordering Information
RT9261B-
Features
Minimal Number of External Components
(Only an Inductor, a Diode, and a Capacitor)
Ultra Low Input Current (6.5
µµµµA at Switch Off)
Capable of Supplying 50mA Output Current
with Internal Switch
±±±±2% Output Voltage Accuracy
Low Ripple and Low Noise
Low Start-up Voltage, 0.8V at 1mA
80% Efficiency with Low Cost Inductor
+50 ppm/
°°°°C Low Temperature-Drift
SOT-89 and SOT-25 Small Packages
Applications
Power source for battery-powered equipment
Power source for cameras, camcorders, VCRs,
PDAs, pagers, electronic data banks, and hand-
held communication equipment
Power source for appliances, which require
higher voltage than that of batteries used in the
appliances
Pin Configurations
Part Number
Pin Configurations
RT9261B-
CX
(Plastic SOT-89)
TOP VIEW
1. GND
2. VOUT (TAB)
3. LX
RT9261B-
CB
(Plastic SOT-25)
TOP VIEW
1. CE
2. VOUT
3. NC
4. GND
5. LX
Operating temperature range
C: Commercial standard
Package type
B : SOT-25
X : SOT-89
Output voltage
15 : 1.5V
16 : 1.6V
:
49 : 4.9V
50 : 5.0V
54
3
2
1
12
3


Similar Part No. - RT9261B19CX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261B-15GB RICHTEK-RT9261B-15GB Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261B-15GX RICHTEK-RT9261B-15GX Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261B-15PB RICHTEK-RT9261B-15PB Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261B-15PX RICHTEK-RT9261B-15PX Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
More results

Similar Description - RT9261B19CX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
RICOH electronics devic...
RN5RYXX1 RICOH-RN5RYXX1 Datasheet
434Kb / 12P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY301 RICOH-RN5RY301 Datasheet
117Kb / 13P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com