Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTVF16859EC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSTVF16859EC
Description  13-bit 1:2 SSTL_2 registered buffer for DDR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTVF16859EC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSTVF16859EC Datasheet HTML 7Page - NXP Semiconductors SSTVF16859EC Datasheet HTML 8Page - NXP Semiconductors SSTVF16859EC Datasheet HTML 9Page - NXP Semiconductors SSTVF16859EC Datasheet HTML 10Page - NXP Semiconductors SSTVF16859EC Datasheet HTML 11Page - NXP Semiconductors SSTVF16859EC Datasheet HTML 12Page - NXP Semiconductors SSTVF16859EC Datasheet HTML 13Page - NXP Semiconductors SSTVF16859EC Datasheet HTML 14Page - NXP Semiconductors SSTVF16859EC Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Philips Semiconductors
Product data sheet
SSTVF16859
13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
11
AC WAVEFORMS
SW00752
VDD/2
LVCMOS
RESET
10%
IDD
tinact
VDD
VDD/2
tact
90%
Waveform 1. Inputs active and inactive times (see Note 1)
VREF
VREF
VIH
VIL
INPUT
SW00753
tW
Waveform 2. Pulse duration
SW00754
VICR
VICR
VI(PP)
TIMING
INPUT
OUTPUT
tPLH
tPHL
VTT
VOH
VOL
Waveform 3. Propagation delay times
Input
SW00755
VIH
LVCMOS RESET
VDD/2
VIL
VOH
VOL
VTT
tPHL
Output
Waveform 4. Propagation delay times
VICR
VI(PP)
Timing input
SW00756
VREF
VREF
VIL
Input
th
tsu
VIH
Waveform 5. Setup and hold times
NOTES:
1. IDD tested with clock and data inputs held at VDD or GND, and IO = 0 mA.
2. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, input slew rate = 1 V/ns ± 20%
(unless otherwise specified).
3. The outputs are measured one at a time with one transition per measurement.
4. VTT = VREF = VDD/2
5. VIH = VREF + 310 mV (ac voltage levels) for differential inputs. VIH = VDD for LVCMOS input.
6. VIL = VREF – 310 mV (ac voltage levels) for differential inputs. VIL = GND for LVCMOS input.
7. tPLH and tPHL are the same as tpd.


Similar Part No. - SSTVF16859EC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVF16859EC PHILIPS-SSTVF16859EC Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
More results

Similar Description - SSTVF16859EC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859_05 Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
SSTVN16859 PHILIPS-SSTVN16859 Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
logo
Renesas Technology Corp
HD74SSTV16859 RENESAS-HD74SSTV16859 Datasheet
3Mb / 11P
   1:2 13-bit SSTL_2 Registered Buffer
logo
NXP Semiconductors
SSTV16859 PHILIPS-SSTV16859 Datasheet
124Kb / 14P
   2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM
2002 Feb 19
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com