Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HCT541TTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HCT541TTR
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT541TTR Datasheet(HTML) 7 Page - STMicroelectronics

  M74HCT541TTR Datasheet HTML 1Page - STMicroelectronics M74HCT541TTR Datasheet HTML 2Page - STMicroelectronics M74HCT541TTR Datasheet HTML 3Page - STMicroelectronics M74HCT541TTR Datasheet HTML 4Page - STMicroelectronics M74HCT541TTR Datasheet HTML 5Page - STMicroelectronics M74HCT541TTR Datasheet HTML 6Page - STMicroelectronics M74HCT541TTR Datasheet HTML 7Page - STMicroelectronics M74HCT541TTR Datasheet HTML 8Page - STMicroelectronics M74HCT541TTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
M74HCT541
7/9
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45° (typ.)
D
12.60
13.00
0.496
0.512
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.40
7.60
0.291
0.300
L
0.50
1.27
0.020
0.050
M
0.75
0.029
S8° (max.)
SO-20 MECHANICAL DATA
PO13L


Similar Part No. - M74HCT541TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT541 STMICROELECTRONICS-M74HCT541 Datasheet
266Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
M74HCT541B1R STMICROELECTRONICS-M74HCT541B1R Datasheet
266Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
M74HCT541C1R STMICROELECTRONICS-M74HCT541C1R Datasheet
266Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
M74HCT541M1R STMICROELECTRONICS-M74HCT541M1R Datasheet
266Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HCT540: INVERTED - HCT541 NON INVERTED
More results

Similar Description - M74HCT541TTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HC244 STMICROELECTRONICS-M74HC244 Datasheet
198Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
74VHCT541A STMICROELECTRONICS-74VHCT541A Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
74AC244 STMICROELECTRONICS-74AC244 Datasheet
79Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
April 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com