Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HZM6.2ZMWA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HZM6.2ZMWA
Description  Silicon Epitaxial Planar Zener Diode for Surge Absorb
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZM6.2ZMWA Datasheet(HTML) 3 Page - Renesas Technology Corp

  HZM6.2ZMWA Datasheet HTML 1Page - Renesas Technology Corp HZM6.2ZMWA Datasheet HTML 2Page - Renesas Technology Corp HZM6.2ZMWA Datasheet HTML 3Page - Renesas Technology Corp HZM6.2ZMWA Datasheet HTML 4Page - Renesas Technology Corp HZM6.2ZMWA Datasheet HTML 5Page - Renesas Technology Corp HZM6.2ZMWA Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HZM6.2ZMWA
Rev.0, May. 2002, page 3 of 6
Main Characteristics
t
Ta = 25
°C
nonrepetitive
Fig.3 Surge Reverse Power Ratings
Time t (s)
1.0
10
10
2
10
3
10
4
10
–2
10
–1
1.0
10
–5
10
–4
10
–3
PRSM
02
10
8
6
4
250
200
150
100
50
200
150
100
50
0
0
1.0mm
Fig.2 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (
°C)
Printed circuit board
25 62 1.6t mm
Material:
Glass Epoxy Resin+Cu Foil
×
×
Cu Foil
10
–5
10
–6
10
–4
10
–3
10
–2
Fig.1 Zener current vs. Zener voltage
Zener Voltage VZ (V)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn