Electronic Components Datasheet Search |
|
DS7800 Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
DS7800 Datasheet(HTML) 2 Page - National Semiconductor (TI) |
2 / 4 page Absolute Maximum Ratings (Note 1) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications VCC Supply Voltage 70V V2 Supply Voltage b 30V V3 Supply Voltage 30V V3 – V2 Voltage Differential 40V Input Voltage 55V Storage Temperature b 65 Cto a150 C Lead Temperature (Soldering 4 seconds) 260 C Maximum Power Dissipation at 25 C Metal Can (TO-5) Package 690 mW Derate metal can package 46 mW C above 25 C Operating Conditions Min Max Units Supply Voltage VCC DS7800 45 55 V DS8800 475 525 V Temperature (TA) DS7800 b 55 a 125 C DS8800 0 a 70 C Electrical Characteristics (Notes 2 and 3) Symbol Parameter Conditions Min Typ Max Units (Note 6) VIH Logical ‘‘1’’ Input Voltage VCC e Min 20 V VIL Logical ‘‘0’’ Input Voltage VCC e Min 08 V IIH Logical ‘‘1’’ Input Current VCC e Max VIN e 24V 5 m A VIN e 55V 1 mA IIL Logical ‘‘0’’ Input Current VCC e Max VIN e 04V b 02 b 04 mA IOL Output Sink Current VCC e Min VIN e 2V DS7800 16 mA V3 Open DS8800 23 mA IOH Output Leakage Voltage VCC e Max VIN e 08V (Notes 4 and 7) 10 m A RO Output Collector Resistor TA e 25 C 115 160 200 kX VOL Logical ‘‘0’’ Output Voltage VCC e Min VIN e 20V (Note 7) V2 a 20 V ICC(MAX) Power Supply Current VCC e Max VIN e 45V (Note 5) 085 16 mA Output ‘‘ON’’ Per Gate ICC(MIN) Power Supply Current VCC e Max VIN e 0V (Note 5) 022 041 mA Output ‘‘OFF’’ Per Gate Switching Characteristics TA e 25 C nominal power supplies unless otherwise noted Symbol Parameter Conditions Min Typ Max Units tpd0 Transition Time to Logical TA e 25 C C e 15 pF (Note 8) 25 70 125 ns ‘‘0’’ Output tpd1 Transition Time to Logical TA e 25 C C e 15 pF (Note 9) 25 62 125 ns ‘‘1’’ Output Note 1 ‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’ they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation Note 2 Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS7800 and across the 0 Cto a70 C range for the DS8800 Note 3 All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown as max or min on absolute value basis Note 4 Current measured is drawn from V3 supply Note 5 Current measured is drawn from VCC supply Note 6 All typical values are measured at TA e 25 C with VCC e 50V V2 eb22V V3 ea8V Note 7 Specification applies for all allowable values of V2 and V3 Note 8 Measured from 15V on input to 50% level on output Note 9 Measured from 15V on input to logic ‘‘0’’ voltage plus 1V 2 |
Similar Part No. - DS7800 |
|
Similar Description - DS7800 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |