Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL613-3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IL613-3
Description  Passive Input Digital Isolators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL613-3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IL613-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL613-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL613-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL613-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL613-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL613-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL613-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL613-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL613-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IL610 IL611 IL612
IL613 IL614
4
IL614 Pin Connections
1
VDD1
Supply Voltage 1
2
GND1
Ground return for VDD1 (Internally
connected to pin 8)
3
OUT1
Data out channel 1
4
RE
Channel 1 data output enable. Internally
held low with 100 kΩ
5
IN2
Data in channel 2
6
Vcoil
Supply connection for channel 2 and
channel 3 coils
7
IN3
Data in channel 3
8
GND1
Ground return for VDD1 (Internally
connected to pin 2)
9
GND2
Ground return for VDD2 (Internally
connected to pin 15)
10
OUT3
Data out channel 3
11
NC
No connection
12
VDD2
Supply Voltage 2
13
OUT2
Data out channel 2
14
IN1+
Coil connection
15
GND2
Ground return for VDD2 (Internally
connected to pin 9)
16
IN1-
Coil connection
IL614
*
Pins 2 and 8 internally connected
** Pins 9 and 15 internally connected


Similar Part No. - IL613-3

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL6083 IKSEMICON-IL6083 Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083N IKSEMICON-IL6083N Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083 IKSEMICON-IL6083_16 Datasheet
271Kb / 10P
   PWM Power Control IC with Interference Suppression
logo
Intersil Corporation
IL6336ACRZ INTERSIL-IL6336ACRZ Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
IL6336AIRZ INTERSIL-IL6336AIRZ Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results

Similar Description - IL613-3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71610M RENESAS-ISL71610M Datasheet
889Kb / 27P
   Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71610SLHM RENESAS-ISL71610SLHM Datasheet
489Kb / 18P
   Radiation Hardened Passive-Input Digital Isolator
Nov 11, 2022
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
   One- and two-channel passive isolators
logo
MORNSUN Science& Techno...
TA306W-11 MORNSUN-TA306W-11 Datasheet
712Kb / 3P
   12.5mm SLIM CASE PASSIVE SIGNAL ISOLATORS
logo
Texas Instruments
ISO7240 TI-ISO7240_1 Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com