Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL710-3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IL710-3
Description  T-Series Wide Temperature Range High Speed Digital Coupler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL710-3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IL710-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL710-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL710-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL710-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL710-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL710-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL710-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL710-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IL710TISOLOOP®
4
NVE Corporation 11409 Valley View Road
Eden Prairie, MN 55344-3617 USA
Telephone: (952) 829-9217
Fax: (952) 829-9189
Internet: www.isoloop.com
Application Notes:
Dynamic Power Consumption
Isoloopdevices achieve their low power consumption from the
manner by which they transmit data across the isolation barrier. By
detecting the edge transitions of the input logic signal and
converting these to narrow current pulses, a magnetic field is
created around the GMR Wheatstone bridge. Depending on the
direction of the magnetic field, the bridge causes the output
comparator to switch following the input logic signal. Power
consumption is independent of mark-to-space ratio and solely
dependent on frequency. This has obvious advantages over
optocouplers whose power consumption is heavily dependent on
its on-state and frequency.
The maximum power supply current per channel for
IsoLoop® is:
Power Supply Decoupling
Both power supplies to these devices should be decoupled with
low ESR 100 nF ceramic capacitors. For data rates in excess of
10MBd, use of ground planes for both GND1 and GND2 is highly
recommended. Capacitors should be located as close as possible to
the device.
Signal Status on Start-up and Shut Down
To minimize power dissipation, the input signals are differentiated
and then latched on the output side of the isolation barrier to
reconstruct the signal. This could result in an ambiguous output
state depending on power up, shutdown and power loss
sequencing. Therefore, the designer should consider the inclusion
of an initialization signal in his start-up circuit. Initialization
consists of toggling the input either high then low or low then
high, depending on the desired state.
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the
limits stated in the specifications. However, NVE recommends that
all integrated circuits be handled with appropriate care to avoid
damage. Damage caused by inappropriate handling or storage
could range from performance degradation to complete failure.
Data Transmission Rates
The reliability of a transmission system is directly related to the
accuracy and quality of the transmitted digital information. For a
digital system, those parameters which determine the limits of the
data transmission are pulse width distortion and propagation delay
skew.
Propagation delay is the time taken for the signal to travel through
the device. This is usually different when sending a low-to-high
than when sending a high-to-low signal. This difference, or error,
is called pulse width distortion (PWD) and is usually in ns. It may
also be expressed as a percentage:
This figure is almost three times better than for any available
optocoupler with the same temperature range, and two times better
than any optocoupler regardless of published temperature range.
The IsoLoop® range of isolators surpasses the 10% maximum
PWD recommended by PROFIBUS, and will run at almost 35 Mb
before reaching the 10% limit.
Propagation delay skew is the difference in time taken for two or
more channels to propagate their signals. This becomes significant
when clocking is involved since it is undesirable for the clock
pulse to arrive before the data has settled. A short propagation
delay skew is therefore critical, especially in high data rate parallel
systems, to establish and maintain accuracy and repeatability. The
IsoLoop® range of isolators all have a maximum propagation delay
skew of 6 ns, which is five times better than any optocoupler.
PWD% = Maximum Pulse Width Distortion (ns) x 100%
Signal Pulse Width (ns)
For example: For data rates of 12.5 Mb
PWD% =
3 ns
x 100% = 3.75%
80 ns


Similar Part No. - IL710-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL710-3 ETC1-IL710-3 Datasheet
149Kb / 7P
   High Speed Digital Isolator
More results

Similar Description - IL710-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5201 AD-ADL5201 Datasheet
1,001Kb / 28P
   Wide Dynamic Range, High Speed
REV. 0
ADL5202 AD-ADL5202 Datasheet
1Mb / 32P
   Wide Dynamic Range, High Speed
REV. 0
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
   Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
   Wide Temperature Range
logo
Ironwood Electronics.
GT-QFN-3013 IRONWOOD-GT-QFN-3013 Datasheet
815Kb / 5P
   Wide temperature range
logo
TOKYO SEIMITSU CO., LTD
SURFCOMCREST ACCRETECH-SURFCOMCREST Datasheet
443Kb / 2P
   SURFCOMCREST high speed and wide range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com