Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V8988 Datasheet(PDF) 6 Page - Integrated Device Technology

Part No. IDT72V8988
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT72V8988 Datasheet(HTML) 6 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Commercial Temperature Range
IDT72V8988 3.3V Time Slot Interchange
Digital Switch 128 x 128
A B C D E F
G H
I
J
32 Slots
32 Slots
32 Slots
32 31.........7 6
5
4
3
2 1 Time Slot
Outgoing Now
Incoming Now
Outgoing Next
32 31........7
6
5
4
3 2
1
G H I
J
J
32 Slots
32 Slots
32 Slots
5704 drw07
Outgoing
Incoming
Switching
J
I
H
G F E
D C B A
J J
Time Slot 32 31 30 29 28............ 3
2 1
32 31 30 29 28............. 3 2 1 Time Slot
A B C D
E F G H
I
J
Time Slot 32 31 30 29 28............ 3
2 1
For Slot 1 ("A"): IN=32, OUT=1, DELAY=(32-32)+32+(1-1)=32 time slots minimum delay
For Slot 32 ("J"): IN=1, OUT=32, DELAY=(32-1)+32+(32-1)=94 time slots maximum delay
For J: DELAY=3 Slots, 32 Slots, 33 Slots, and 34 Slots
For G, H, and I: DELAY= 3 slots
Figure 3. Variable Delay Mode
Figure 4. Constant Delay Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn