Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8552IDGKT Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8552IDGKT
Description  16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8552IDGKT Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DAC8552IDGKT Datasheet HTML 1Page - Burr-Brown (TI) DAC8552IDGKT Datasheet HTML 2Page - Burr-Brown (TI) DAC8552IDGKT Datasheet HTML 3Page - Burr-Brown (TI) DAC8552IDGKT Datasheet HTML 4Page - Burr-Brown (TI) DAC8552IDGKT Datasheet HTML 5Page - Burr-Brown (TI) DAC8552IDGKT Datasheet HTML 6Page - Burr-Brown (TI) DAC8552IDGKT Datasheet HTML 7Page - Burr-Brown (TI) DAC8552IDGKT Datasheet HTML 8Page - Burr-Brown (TI) DAC8552IDGKT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
DAC8552
SLAS430 – JULY 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
PACKAGING/ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
RELATIVE
DIFFERENTIAL
SPECIFICATION
TRANSPORT
ACCURACY
NONLINEARITY
PACKAGE
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
MEDIA,
PRODUCT
(LSB)
(LSB)
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
DAC8552IDGKT
Tape and Reel, 250
DAC8552
±12
±1
MSOP-8
DGK
–40
°C to +105°C
D82
DAC8552IDGKR
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VDD to GND
–0.3V to 6V
Digital input voltage to GND
–0.3V to VDD + 0.3V
VOUTA or VOUTB to GND
–0.3V to VDD + 0.3V
Operating temperature range
–40
°C to +105°C
Storage temperature range
–65
°C to +150°C
Junction temperature (TJ max)
+150
°C
Power dissipation
(TJ max – TA)/θJA
θ
JA thermal impedance
206
°C/W
θ
JC thermal impedance
44
°C/W
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
VDD = 2.7V to 5.5V, all specifications –40°C to +105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
16
Bits
Relative accuracy
Measured by line passing through codes 513
±4
±12
LSB
and 64741
Differential nonlinearity
16-bit monotonic
±0.35
±1
LSB
Zero code error
Measured by line passing through codes 485
±2.5
±12
mV
and 64741
Zero code error drift
±5
µV/°C
Full-scale error
Measured by line passing through codes 485
±0.1
±0.5
% of FSR
and 64741
Gain error
Measured by line passing through codes 485
±0.08
±0.2
% of FSR
and 64741
Gain temperature coefficient
±1
ppm of FSR/
°C
PSRR
Output unloaded
0.75
mV/V
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
VREF
V
(1)
Linearity calculated using a reduced code range of 513 to 64741. Output unloaded.
(2)
Specified by design and characterization, not production tested.
2
Submit Documentation Feedback


Similar Part No. - DAC8552IDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI1-DAC8550 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550B BURR-BROWN-DAC8550B Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550IBDGKR BURR-BROWN-DAC8550IBDGKR Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550IBDGKR TI1-DAC8550IBDGKR Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results

Similar Description - DAC8552IDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com