Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8552 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8552
Description  16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8552 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button DAC8552 Datasheet HTML 5Page - Burr-Brown (TI) DAC8552 Datasheet HTML 6Page - Burr-Brown (TI) DAC8552 Datasheet HTML 7Page - Burr-Brown (TI) DAC8552 Datasheet HTML 8Page - Burr-Brown (TI) DAC8552 Datasheet HTML 9Page - Burr-Brown (TI) DAC8552 Datasheet HTML 10Page - Burr-Brown (TI) DAC8552 Datasheet HTML 11Page - Burr-Brown (TI) DAC8552 Datasheet HTML 12Page - Burr-Brown (TI) DAC8552 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
84
86
88
90
92
94
96
98
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
f − Output Frequency − kHz
VDD = VREF = 5V
−1dB FSR Digital Input, fS = 1MSPS
Measurement Bandwidth = 20kHz
100
150
200
250
300
350
100
1000
10000
100000
VDD = 5 V
VREF = 4.096
Code = 7FFF
No Load
f − Frequency − Hz
Time(2 s/div)
m
V
=5V
V
=4.096V
FromCode:D000
ToCode:FFFF
DD
REF
TriggerPulse5V/div
ZoomedRisingEdge
1mV/div
RisingEdge
1V/div
Time(2 s/div)
m
V
=5V
V
=4.096V
FromCode:FFFF
ToCode:0000
DD
REF
TriggerPulse5V/div
ZoomedFallingEdge
1mV/div
Falling
Edge
1V/div
Time(2 s/div)
m
V
=5V
V
=4.096V
FromCode:4000
ToCode:CFFF
DD
REF
TriggerPulse5V/div
ZoomedRisingEdge
1mV/div
Rising
Edge
1V/div
Time(2 s/div)
m
V
=5V
V
=4.096V
FromCode:CFFF
ToCode:4000
DD
REF
TriggerPulse5V/div
ZoomedFallingEdge
1mV/div
Falling
Edge
1V/div
DAC8552
SLAS430 – JULY 2006
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
SIGNAL-TO-NOISE RATIO
vs
OUTPUT FREQUENCY
OUTPUT NOISE DENSITY
Figure 19.
Figure 20.
FULL-SCALE SETTLING TIME: 5V RISING EDGE
FULL-SCALE SETTLING TIME: 5V FALLING EDGE
Figure 21.
Figure 22.
HALF-SCALE SETTLING TIME: 5V RISING EDGE
HALF-SCALE SETTLING TIME: 5V FALLING EDGE
Figure 23.
Figure 24.
9
Submit Documentation Feedback


Similar Part No. - DAC8552

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI1-DAC8550 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550B BURR-BROWN-DAC8550B Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550IBDGKR BURR-BROWN-DAC8550IBDGKR Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550IBDGKR TI1-DAC8550IBDGKR Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results

Similar Description - DAC8552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com