Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8552 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8552
Description  16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8552 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DAC8552 Datasheet HTML 1Page - Burr-Brown (TI) DAC8552 Datasheet HTML 2Page - Burr-Brown (TI) DAC8552 Datasheet HTML 3Page - Burr-Brown (TI) DAC8552 Datasheet HTML 4Page - Burr-Brown (TI) DAC8552 Datasheet HTML 5Page - Burr-Brown (TI) DAC8552 Datasheet HTML 6Page - Burr-Brown (TI) DAC8552 Datasheet HTML 7Page - Burr-Brown (TI) DAC8552 Datasheet HTML 8Page - Burr-Brown (TI) DAC8552 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
SERIAL WRITE OPERATION
SCLK
1
24
SYNC
D
IN
DB23
DB0
DB23
t
8
t
6
t
3
t
2
t
1
t
7
t
9
t
5
t
4
TIMING CHARACTERISTICS
(1) (2)
DAC8552
SLAS430 – JULY 2006
V
DD = 2.7V to 5.5V, all specifications –40°C to +105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.7V to 3.6V
50
t1(3)
SCLK cycle time
ns
VDD = 3.6V to 5.5V
33
VDD = 2.7V to 3.6V
13
t2
SCLK HIGH time
ns
VDD = 3.6V to 5.5V
13
VDD = 2.7V to 3.6V
22.5
t3
SCLK LOW time
ns
VDD = 3.6V to 5.5V
13
VDD = 2.7V to 3.6V
0
t4
SYNC to SCLK rising edge setup time
ns
VDD = 3.6V to 5.5V
0
VDD = 2.7V to 3.6V
5
t5
Data setup time
ns
VDD = 3.6V to 5.5V
5
VDD = 2.7V to 3.6V
4.5
t6
Data hold time
ns
VDD = 3.6V to 5.5V
4.5
VDD = 2.7V to 3.6V
0
t7
24th SCLK falling edge to SYNC rising edge
ns
VDD = 3.6V to 5.5V
0
VDD = 2.7V to 3.6V
50
t8
Minimum SYNC HIGH time
ns
VDD = 3.6V to 5.5V
33
t9
24th SCLK falling edge to SYNC falling edge
VDD = 2.7V to 5.5V
100
ns
(1)
All input signals are specified with tR = tF = 5ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See Serial Write Operation timing diagram.
(3)
Maximum SCLK frequency is 30MHz at VDD = 3.6V to 5.5V and 20MHz at VDD = 2.7V to 3.6V.
5
Submit Documentation Feedback


Similar Part No. - DAC8552

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI1-DAC8550 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550B BURR-BROWN-DAC8550B Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550IBDGKR BURR-BROWN-DAC8550IBDGKR Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550IBDGKR TI1-DAC8550IBDGKR Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results

Similar Description - DAC8552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com