Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0826-1E4T-23 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0826-1E4T-23
Description  INTEGRATED CONNECTOR MODULES BM02830 Gigabit belStick??with LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0826-1E4T-23 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0826-1E4T-23 Datasheet HTML 1Page - Bel Fuse Inc. 0826-1E4T-23 Datasheet HTML 2Page - Bel Fuse Inc. 0826-1E4T-23 Datasheet HTML 3Page - Bel Fuse Inc. 0826-1E4T-23 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc.
Specifications subject to change without notice. 05.03
BM02830
Gigabit belStick™ with LEDs
INTEGRATED CONNECTOR MODULES
ELECTRICAL SPECIFICATIONS AT 25° C
page 1
Four port shielded RJ-45 connector with integrated
Gigabit Ethernet magnetics
Compatible with a variety of Gigabit Ethernet
transceiver ICs and 10/100Base-TX transceiver ICs
Operating temperature 0° to +70° C
Storage temperature -40° to +85° C
Complies with IEEE 802.3ab standards and all Gigabit
Ethernet specifications
Integrated design conserves valuable board space
Minimum interwinding breakdown voltage of 1500 Vrms
Adaptable, modular design provides higher reliability
s
s
o
L
n
o
i
t
r
e
s
n
I
x
a
m
B
d
s
s
o
L
n
r
u
t
e
R
n
i
m
B
d
o
t
n
o
m
m
o
C
e
d
o
M
l
a
i
t
n
e
r
e
f
f
i
D
n
o
i
t
c
e
j
e
R
n
i
m
B
d
o
t
n
o
m
m
o
C
e
d
o
M
n
o
m
m
o
C
n
o
i
t
c
e
j
e
R
n
i
m
B
d
k
l
a
t
s
s
o
r
C
n
i
m
B
d
t
o
p
i
H
n
i
m
s
m
r
V
z
H
M
1
.
0
z
H
M
0
0
1
o
t
o
t
z
H
M
0
0
1
z
H
M
5
2
1
z
H
M
5
.
0
z
H
M
0
4
o
t
z
H
M
0
4
z
H
M
0
0
1
o
t
z
H
M
0
0
1
o
t
z
H
K
0
0
1
z
H
M
0
0
1
o
t
z
H
K
0
0
1
8
.
0
-2
.
1
-8
1
-
g
o
l
0
2
+
2
1
-
)
z
H
M
0
8
/
f
(
5
3
-0
3
-
g
o
l
0
2
+
3
3
-
)
z
H
M
0
0
1
/
f
(
0
0
5
1
SCHEMATIC
0826-1A4T-23
0826-1B4T-23
0826-1C4T-23
0826-1D4T-23
0826-1E4T-23
0826-1G4T-23
0826-1K4T-23
0826-1L4T-23
0826-1X4T-23
0826-1Y4T-23
RJ45
1CT : 1CT
1CT : 1CT
1CT : 1CT
1CT : 1CT
Shield
1
2
3
6
4
5
7
8
11
12
10
6
4
5
7
8
9
3
1
2
LED 1
13
14
15
16
1000pF
2kV
75
x 4
LED 2
See chart on page 2 for LED colors and polarity.


Similar Part No. - 0826-1E4T-23

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0826-1E1T-23 BEL-0826-1E1T-23 Datasheet
76Kb / 4P
   INTEGRATED CONNECTOR MODULES BM01810 Gigabit belMag??with LEDs
More results

Similar Description - 0826-1E4T-23

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0810-1XX4-03 BEL-0810-1XX4-03 Datasheet
143Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belStick??with LEDs
0810-1X4T-03 BEL-0810-1X4T-03 Datasheet
211Kb / 4P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belStick??with LEDs
0892-1AX1-62 BEL-0892-1AX1-62 Datasheet
62Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit belCombo??with LEDs
0843-2B1T-33 BEL-0843-2B1T-33 Datasheet
87Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit belStack??with LEDs
0821-1A1T-43 BEL-0821-1A1T-43 Datasheet
56Kb / 4P
   INTEGRATED CONNECTOR MODULES BM02835 Gigabit belCombo??with LEDs
0826-1A1T-23 BEL-0826-1A1T-23 Datasheet
76Kb / 4P
   INTEGRATED CONNECTOR MODULES BM01810 Gigabit belMag??with LEDs
0862-1J1T-43 BEL-0862-1J1T-43 Datasheet
66Kb / 4P
   INTEGRATED CONNECTOR MODULES BM02834 Gigabit belCombo??with LEDs
0811-1X4T-03 BEL-0811-1X4T-03 Datasheet
182Kb / 4P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belStick
0811-1XX4-03 BEL-0811-1XX4-03 Datasheet
122Kb / 2P
   INTEGRATED CONNECTOR MODULES BM01819 10/100Base-TX belStick?
0826-1XX1-46 BEL-0826-1XX1-46 Datasheet
140Kb / 3P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet Single Port MagJack with LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com