Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0821-1K1T-43 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0821-1K1T-43
Description  INTEGRATED CONNECTOR MODULES BM02835 Gigabit belCombo??with LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0821-1K1T-43 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0821-1K1T-43 Datasheet HTML 1Page - Bel Fuse Inc. 0821-1K1T-43 Datasheet HTML 2Page - Bel Fuse Inc. 0821-1K1T-43 Datasheet HTML 3Page - Bel Fuse Inc. 0821-1K1T-43 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2002 Bel Fuse Inc.
Specifications subject to change without notice. 10.02
BM02835
Gigabit belCombo™ with LEDs
INTEGRATED CONNECTOR MODULES
MECHANICAL
0821-1A1T-43
0821-1B1T-43
0821-1C1T-43
0821-1D1T-43
0821-1E1T-43
0821-1G1T-43
0821-1K1T-43
0821-1L1T-43
0821-1X1T-43
0821-1Y1T-43
LED 2
LED 1
0.673
[19.09]
max
0.830
[21.08]
USB
RJ45
Pin 1
1.155 [29.34]
max
0.305
[7.76]
0.100
[2.54]
0.125
[3.18]
0.530 ±0.030
[13.46 ±0.76]
0.630 ±0.030
[16.00 ±0.76]
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.010 [0.25] unless otherwise noted.
Packing Quantity
60 pieces finished goods per tray
8 trays per carton box for a total of
480 pieces of finished goods
Notes
Plastic Housing
Thermoplastic, flammability rating UL 94V-0
Contacts
50 micro-inch hard gold plating
Pins
Tin-coated copper wire, DIA 0.018" [0.46]
Solderability
Per MIL Std. 202, Method 208
Metal Shield
Tin lead plated copper alloy
USB
Mating Force
35 newtons maximum
Unmating Force
10 newtons minimum
Contacts
Phospher bronze gold plating
on contact area and tin on solder tail
Suggested Panel Opening
PCB
0.700 [17.78]
Panel
0.850
[21.59]
0.080
[2.03]
page 3


Similar Part No. - 0821-1K1T-43

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0821-1D1T-43 BEL-0821-1D1T-43 Datasheet
128Kb / 3P
   0821-1G1T-N1
0821-1G1T-N1 BEL-0821-1G1T-N1 Datasheet
128Kb / 3P
   0821-1G1T-N1
0821-1X1T-36 BEL-0821-1X1T-36 Datasheet
133Kb / 3P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX Single Port Extended Temp MagJack with LEDs
0821-1X1T-36-F BEL-0821-1X1T-36-F Datasheet
172Kb / 3P
   INTEGRATED CONNECTOR MODULES
0821-1X1T-43-F BEL-0821-1X1T-43-F Datasheet
213Kb / 3P
   INTEGRATED CONNECTOR MODULES
More results

Similar Description - 0821-1K1T-43

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0892-1AX1-62 BEL-0892-1AX1-62 Datasheet
62Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit belCombo??with LEDs
0862-1J1T-43 BEL-0862-1J1T-43 Datasheet
66Kb / 4P
   INTEGRATED CONNECTOR MODULES BM02834 Gigabit belCombo??with LEDs
0812-1X1T-03 BEL-0812-1X1T-03 Datasheet
116Kb / 2P
   INTEGRATED CONNECTOR MODULES BM01817 10/100Base-TX belCombo??with LEDs
0812-1X1T-36 BEL-0812-1X1T-36 Datasheet
114Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX Extended Temp belCombo??with LEDs
0843-2B1T-33 BEL-0843-2B1T-33 Datasheet
87Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit belStack??with LEDs
0826-1A1T-23 BEL-0826-1A1T-23 Datasheet
76Kb / 4P
   INTEGRATED CONNECTOR MODULES BM01810 Gigabit belMag??with LEDs
0826-1A4T-23 BEL-0826-1A4T-23 Datasheet
99Kb / 4P
   INTEGRATED CONNECTOR MODULES BM02830 Gigabit belStick??with LEDs
0826-1XX1-46 BEL-0826-1XX1-46 Datasheet
140Kb / 3P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet Single Port MagJack with LEDs
0826-1X1T-43 BEL-0826-1X1T-43 Datasheet
144Kb / 3P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet Single Port MagJack with LEDs
0826-1X4T-43 BEL-0826-1X4T-43 Datasheet
176Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet MagJack 1 x 4 with LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com