Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0826-1E1T-23 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0826-1E1T-23
Description  INTEGRATED CONNECTOR MODULES BM01810 Gigabit belMag??with LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0826-1E1T-23 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0826-1E1T-23 Datasheet HTML 1Page - Bel Fuse Inc. 0826-1E1T-23 Datasheet HTML 2Page - Bel Fuse Inc. 0826-1E1T-23 Datasheet HTML 3Page - Bel Fuse Inc. 0826-1E1T-23 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc.
Specifications subject to change without notice. 05.03
BM01810
Gigabit belMag™ with LEDs
INTEGRATED CONNECTOR MODULES
page 3
MECHANICAL
0.754 ±0.020
[19.15 ±0.51]
0.130
[3.30]
1.300 [33.02]
max
0.305
[7.75]
0.125 [3.18]
0.126
[3.20]
0.661
[16.79]
max
0.591 ±0.010
[15.01 ±0.25]
0.825 [20.96]
0.925 [23.50]
LED 2
LED 1
0.725 [18.42]
0.015
[0.38]
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.010 [0.25] unless otherwise noted.
0.536 ±0.010
[13.61 ±0.25]
0826-1A1T-23
0826-1B1T-23
0826-1C1T-23
0826-1D1T-23
0826-1E1T-23
0826-1G1T-23
0826-1K1T-23
0826-1L1T-23
0826-1X1T-23
0826-1Y1T-23
Notes
Plastic Housing
Thermoplastic, flammability rating UL 94V-0
Contacts
50 micro-inch hard gold plating
Pins
Tin-coated copper wire, DIA 0.018" [0.46]
Solderability
Per MIL Std. 202, Method 208
Metal Shield
Tin lead plated copper alloy


Similar Part No. - 0826-1E1T-23

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0826-1E4T-23 BEL-0826-1E4T-23 Datasheet
99Kb / 4P
   INTEGRATED CONNECTOR MODULES BM02830 Gigabit belStick??with LEDs
More results

Similar Description - 0826-1E1T-23

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0813-1X1T-23 BEL-0813-1X1T-23 Datasheet
146Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit belMag?
0810-1XX1-12 BEL-0810-1XX1-12 Datasheet
143Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T belMag??with LEDs
0810-1X1T-12 BEL-0810-1X1T-12 Datasheet
138Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T belMag??with LEDs
0810-1XX1-01 BEL-0810-1XX1-01 Datasheet
156Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag??with LEDs
0810-1X1T-01 BEL-0810-1X1T-01 Datasheet
156Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag??with LEDs
0810-1G1T-06 BEL-0810-1G1T-06 Datasheet
108Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX AutoMDIX belMag??with LEDs
BM0810-1X1T-06 BEL-BM0810-1X1T-06 Datasheet
49Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX AutoMDIX belMag??with LEDs
0810-1XX1-27 BEL-0810-1XX1-27 Datasheet
115Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag??with LEDs
0892-1AX1-62 BEL-0892-1AX1-62 Datasheet
62Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit belCombo??with LEDs
0843-2B1T-33 BEL-0843-2B1T-33 Datasheet
87Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit belStack??with LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com